Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AUP1G80DCKR Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
SN74AUP1G80DCKR Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 26 page SN74AUP1G80 www.ti.com SCES593E – JULY 2004 – REVISED MAY 2010 ABSOLUTE MAXIMUM RATINGS (1) over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range –0.5 4.6 V VI Input voltage range(2) –0.5 4.6 V VO Voltage range applied to any output in the high-impedance or power-off state(2) –0.5 4.6 V VO Voltage range applied to any output in the high or low state(2) –0.5 VCC + 0.5 V IIK Input clamp current VI < 0 –50 mA IOK Output clamp current VO < 0 –50 mA IO Continuous output current ±20 mA Continuous current through VCC or GND ±50 mA DBV package 206 DCK package 252 qJA Package thermal impedance(3) DSF package 300 °C/W DRY package 243 YFP/YZP package 132 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed. (3) The package thermal impedance is calculated in accordance with JESD 51-7. Copyright © 2004–2010, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Link(s): SN74AUP1G80 |
Numéro de pièce similaire - SN74AUP1G80DCKR |
|
Description similaire - SN74AUP1G80DCKR |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |