Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LT1560ED Fiches technique(PDF) 1 Page - Sharp Electrionic Components

No de pièce LT1560ED
Description  Dot Matrix LED Unit for Indoor Use (Chip Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHARP [Sharp Electrionic Components]
Site Internet  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

LT1560ED Fiches technique(HTML) 1 Page - Sharp Electrionic Components

  LT1560ED Datasheet HTML 1Page - Sharp Electrionic Components LT1560ED Datasheet HTML 2Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
Parameter
Luminance
Viewing angle
Peak emission wavelength
Symbol
LV
2
θ1/2
λp
TYP
100
100
120
635
565
Unit
cd/m2
˚
nm
(VCC=5V,VLED=4V,Ta=25˚C)
Red
Yellow-green
Red
Yellow-green
Connector
VCC
GND
A0 to A3
LATCH
ENABLE
CLOCK
GND
A0 to A3
LATCH
CLOCK
GND
Latch signal of display data. H: Serial data is
converted to parallel data. L: Contents are latched.
RDATA
Input signal generated through 32-bit shift register
or buffer
GDATA
Input signal generated through 32-bit shift register
or buffer
Controls ON/OFF of LED (H: LED OFF)
Clock signal for data transmission in the
shift-register. (L¡H: serial data is shifted.)
Ground for signal
Buffered input signal
Buffered input signal
ENABLE
Buffered input signal
Buffered input signal
Ground for signal
Symbol
Function
Supply voltage for IC (+4V)
VLED
Supply voltage for LED (+5V)
Ground
Address specification signal for row driver
Output
signal
(CN3)
Input
signal
(CN2)
Power
supply
(CN1)
Each signal is used as input signal for next unit.
* As for the terminal number, refer to the outline dimensions.
Serial data input for red (H=ON, L=OFF)
Serial data input for yellow-green (H=ON, L=OFF)
RDATA
GDATA
t
1/f
td(A-E)
td(L-C)
VD(n+2)th line's data
tsu
th
td(E-A)
td(L-A)
td(C-L)
VD(n+1)th line's data
t WENA
dD
t
WL
t
WCLK
DATA(OUT)
R &G
LATCH
DATA
R &G
CLOCK
ENABLE
VD(n)data ON
VD(n)
ADDRESS
VD(n+1)
(A0 to A3)
OFF
ENA
VD(n+1)data ON
OFF
4 TO 16 DECODER
ENABLE
A3
OUT
CLOCK
LATCH
GDATA
RDATA
A2
A1
A0
ENABLE
A3
IN
CLOCK
LATCH
GDATA
RDATA
A2
A1
A0
LED MATRIX
16!16DOT !2
DICHROMATIC
Pch FET DRIVER
473
331
HC367
Input/output circuit
Parameter
Supply voltage for IC
Supply voltage for LED
Input voltage*1
Turn-on time
Operating temperature
Storage temperature
Power dissipation
Symbol
VCC
VLED
VI
tON
Topr
Tstg
P
Rating
-0.3 to +5.5
-0.3 to +4.5
-0.3 to VCC+0.3
1
-10 to +60
-20 to +70
26
Unit
V
V
V
ms
˚C
˚C
W
(Ta=25˚C)
*1 VI<Vcc at Vcc
≤5
162
s Absolute Maximum Ratings
s Electrical Characteristics
s Timing Chart
s Block Diagram
s Terminal Functions
Dot Matrix LED Unit for Indoor Use LT1560ED(Chip Type)
s Features
¡No. of dots : 16!32dots
¡Outline dimensions : 96!192mm
¡Dot size : 3.0!3.0mm
¡Dot pitch : 6.0mm
¡Radiation color : Yellow-green+Red (dichromatic type)
¡Driving method : 1/16 duty dynamic drive
s Optical Characteristics
Parameter
Supply voltage for IC
Supply voltage for LED
IC current dissipation*1
LED current dissipation*1
Input voltage
Input current
Clock frequency
Frame frequency
Symbol
VCC
VLED
ICC
ILED
VIH
VIL
IIH
IIL
fCLK
fFR
MIN.
4.75
3.75
------
------
3.5
------
------
------
------
70
TYP.
5.0
4.0
150
4.5
------
------
------
------
------
250
MAX.
5.25
4.25
200
5.5
------
1.5
0.1
0.12
10
1000
Unit
V
V
mA
A
V
V
µA
mA
MHZ
HZ
(VCC=5V,VLED=4V,Ta=25˚C)
*1 Under the condition that dichromatic all dots are lit.
LT1560ED


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
LT1550W Full Color Dot Matrix LED Unit for Indoor Use Chip Type 1  2  Sharp Electrionic Components
LT1560W Full Color Dot Matrix LED Unit for Indoor Use Chip Type 1  2  Sharp Electrionic Components
LT1451ED Dot Matrix LED Unit for Indoor Use Chip On Board Type 1  2  Sharp Electrionic Components
LT1461ED Dot Matrix LED Unit for Indoor Use Chip On Board Type 1  2  Sharp Electrionic Components
LT1550ED Dot Matrix LED Unit for Indoor Use Chip Type 1  2  Sharp Electrionic Components
LT1442M Dot Matrix LED Unit for Outdoor Use Lamp Type 1  2  Sharp Electrionic Components
LT1447M Dot Matrix LED Unit for Outdoor Use Lamp Type 1  2  Sharp Electrionic Components
LT1448MA Dot Matrix LED Unit for Outdoor Use Lamp Type Water-proof Type 1  2  Sharp Electrionic Components
LT1455M Dot Matrix LED Unit for Indoor/Outdoor Use Lamp Type 1  2  Sharp Electrionic Components
LT1465ED Dot Matrix LED Unit for Outdoor Use Lamp Type 1  2  Sharp Electrionic Components

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn