Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT1550ED Fiches technique(PDF) 2 Page - Sharp Corporation

No de pièce LT1550ED
Description  Dot Matrix LED Unit for Indoor Use (Chip Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SHARP [Sharp Corporation]
Site Internet  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LT1550ED Fiches technique(HTML) 2 Page - Sharp Corporation

  LT1550ED Datasheet HTML 1Page - Sharp Corporation LT1550ED Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
176
Dot Matrix LED Unit Outline Dimensions(Unit:mm)
±1
36.0
30.0
CN1
V
V
1
2
3
4
HD0
VD15
VD0
HD15
(Output signal)
GND1
9
8
3
A
A
A
A
RDATA
5
4
3
2
2
CN3
1
0
1
4
3
2
1
0
1
2
3
CN2
A
A
A
A
RDATA
LATCH
7
10
CLOCK
LATCH
7
9
8
10
ENABLE
CLOCK
GND1
5
6.6
8 MIN
4-M3.0
1
19 MAX
7 MIN
10
10
1
CN3
VR1
VR2
CN1
4.5
28.0 ±0.1
10.5
4
±0.1
4
28.0
1
6
6 GDATA
GDATA
±0.2
Pin connection
(Power supply)
LED
CC
GND1
GND2
16.5
62.5
CN2
20 MAX
(Input signal)
P4.0X15=60.0
63.8
(Depth 6.0)
256-ø2.8
ENABLE
20
V
HD15
D31
(32.5)
(40)
-0.4
+0.2
79.9
(2.45)
(2.45)
2.5X13=
Data shift direction
VD0
A0
A1
A2
A3
6
5
1
2
3
4
5
VLED
VLED
Name
Name
Name
VCC
GND
GND
CLOCK
9
4
1
8
7
RDATA
GDATA
LATCH
ENABLE
3
2
VR1
VR2
VR3
VR4
9
ENABLE
CLOCK
GND
6
GDATA
7
LATCH
GND
1
A3
RDATA
A0
A1
A2
2
3
4
5
8
73
(15)
(25)
(25)
(15)
5
10
1
10
1
1
512-ø2
4-M3(Depth6)
(37)
(33)
CN1(Power supply)
CN2(Input signal)
Pin No.
Pin No.
Pin No.
10
CN3(Output signal)
10
HD0
CN1
Pin connection
4.0!15=59.25
CN1(Power supply)
CN3(Output signal)
CN2(Input signal)
Name
Name
Name
VDD
VLED
GND1
GND2
A0
A1
A2
A3
RDATA
GDATA
LATCH
ENABLE
CLOCK
GND1
A0
A1
A2
A3
RDATA
GDATA
LATCH
ENABLE
CLOCK
GND1
1
2
3
4
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
10
10
NO
NO
NO
Depth5MIN.
Hexagonal supporter
Height
Data shift direction
GADJ
RADJ
HD0
VD15
VD0
HD15
4
CN1
1
CN2
CN3
1
10
7.5MAX
10.1
13.2
10
256-ø3.0
27.45
17.05
5.2
7.75±
1
4-M3
46
63.9
Pin connection
LT1465ED/LT1465M
LT1461ED
LT1481ED
12
3
128
8.2
HD0
VD0
VD31
Data shift direction
HD15
44.0
44.0
15.0
1
7
10
1
10
OUT
IN
6-M3 Insert nut
(Effective screw depth 4.0)
VR1
VR2
1A0
2
3
4
5
6
7
8
9
10
A1
A2
A3
RDATA
GDATA
LATCH
ENABLE
CLOCK
GND
CN2(Input signal)
Pin No.
Name
Pin connection
1A0
2
3
4
5
6
7
8
9
10
A1
A2
A3
RDATA
GDATA
LATCH
ENABLE
CLOCK
GND
Pin No.
Name
CN3(Output signal)
1
VLED
2
3
4
5
6
VLED
VLED
VCC
GND
GND
CN1(Power supply)
Pin No.
Name
7
GND
512-3t chip LED
CN1
1
-0.8
+0
110
±0.25
LT1550ED
4


Numéro de pièce similaire - LT1550ED

FabricantNo de pièceFiches techniqueDescription
logo
Sharp Corporation
LT1550 SHARP-LT1550 Datasheet
570Kb / 2P
   Full Color Dot Matrix LED Unit for Indoor Use (Chip Type)
LT1550W SHARP-LT1550W Datasheet
570Kb / 2P
   Full Color Dot Matrix LED Unit for Indoor Use (Chip Type)
More results

Description similaire - LT1550ED

FabricantNo de pièceFiches techniqueDescription
logo
Sharp Corporation
LT1560ED SHARP-LT1560ED Datasheet
208Kb / 2P
   Dot Matrix LED Unit for Indoor Use (Chip Type)
LT1465M SHARP-LT1465M Datasheet
248Kb / 2P
   Dot Matrix LED Unit for Indoor Use(Lamp Type)
LT1550W SHARP-LT1550W Datasheet
570Kb / 2P
   Full Color Dot Matrix LED Unit for Indoor Use (Chip Type)
LT1560W SHARP-LT1560W Datasheet
574Kb / 2P
   Full Color Dot Matrix LED Unit for Indoor Use (Chip Type)
LT1451ED SHARP-LT1451ED Datasheet
208Kb / 2P
   Dot Matrix LED Unit for Indoor Use (Chip On Board Type)
LT1461ED SHARP-LT1461ED Datasheet
245Kb / 2P
   Dot Matrix LED Unit for Indoor Use (Chip On Board Type)
LT1455M SHARP-LT1455M Datasheet
215Kb / 2P
   Dot Matrix LED Unit for Indoor/Outdoor Use(Lamp Type)
LT1540M SHARP-LT1540M Datasheet
290Kb / 2P
   Dot Matrix LED Unit for Outdoor Use (Lamp Type)
LT1465ED SHARP-LT1465ED Datasheet
248Kb / 2P
   Dot Matrix LED Unit for Outdoor Use (Lamp Type)
LT1447M SHARP-LT1447M Datasheet
286Kb / 2P
   Dot Matrix LED Unit for Outdoor Use (Lamp Type)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com