Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS19451 Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS19451
Description  AC/DC WLED Driver with Internal MOSFET Universal Switch Mode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19451 Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19451 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19451 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19451 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19451 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19451 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19451 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19451 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS19451
AC/DC WLED Driver with Internal MOSFET
Universal Switch Mode
2/7
Version: B11
Electrical Specifications (Ta = 25
oC, V
DRAIN= 50V, unless otherwise noted)
Function Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Internal Regulator
Internally Regulated Voltage
VDD
--
7.5
--
V
Drain Supply Voltage
VDRAIN
--
20
--
V
Undervoltage Lockout Threshold
UVLO
4.0
--
--
V
Undervoltage Lockout Hysteresis
∆UVLO
--
200
--
mV
Supply Current
IDD
VDD(EXT)=8.5V, VDRAIN=40V
--
200
350
µA
Output (Drain)
Breakdown Voltage
VBR
475
--
--
V
On Resistance
RDSON
IDRAIN=50mA
--
--
210
Output Capacitance
CDRAIN
VDRAIN=400V
--
1.0
5.0
pF
MOSFET Saturation current
ISAT
100
150
--
mA
Current Sense Comparator
Threshold Current
ITH
49
--
63
mA
Leading edge Blanking delay
TBLANK
200
300
400
nS
Minimum Turn On-Time
TON(MIN)
--
--
650
nS
Off-Time Generator
Turn On-Time
TOFF
8
10.5
13
µS
Note 1: The specification which apply over the full operating ambient temperature range of -40ºC<TA<+85ºC
2: Guaranteed by design
Block Diagram


Numéro de pièce similaire - TS19451

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS19450 TSC-TS19450 Datasheet
396Kb / 8P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450 TSC-TS19450 Datasheet
304Kb / 10P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450CSRL TSC-TS19450CSRL Datasheet
396Kb / 8P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450CSRLG TSC-TS19450CSRLG Datasheet
304Kb / 10P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450 TSC-TS19450_15 Datasheet
304Kb / 10P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
More results

Description similaire - TS19451

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS19452 TSC-TS19452 Datasheet
203Kb / 7P
   AC/DC WLED Driver with Internal MOSFET
TS19450 TSC-TS19450 Datasheet
396Kb / 8P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450 TSC-TS19450_15 Datasheet
304Kb / 10P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19460 TSC-TS19460 Datasheet
132Kb / 7P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19460 TSC-TS19460_15 Datasheet
353Kb / 9P
   AC/DC WLED Driver with Average-Mode Constant Current Control
TS19453 TSC-TS19453 Datasheet
108Kb / 7P
   AC/DC Programmable Current WLED Driver
logo
Artesyn Technologies
NAL25 ARTESYN-NAL25 Datasheet
300Kb / 3P
   25W AC/DC Universal Input Switch Mode Power Supplies
NLP65-3322 ARTESYN-NLP65-3322 Datasheet
52Kb / 3P
   60W AC/DC Universal Input Switch Mode Power Supplies
NFS25 ARTESYN-NFS25 Datasheet
56Kb / 3P
   25W AC/DC Universal Input Switch Mode Power Supplies
NAL40 ARTESYN-NAL40 Datasheet
62Kb / 3P
   40W AC/DC Universal Input Switch Mode Power Supplies
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com