Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS13003HVCTB0 Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS13003HVCTB0
Description  High Voltage NPN Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS13003HVCTB0 Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS13003HVCTB0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS13003HVCTB0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS13003HVCTB0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS13003HVCTB0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS13003HVCTB0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TS13003HV
High Voltage NPN Transistor
1/5
Version: D07
TO-92
PRODUCT SUMMARY
BVCEO
530V
BVCBO
900V
IC
1.5A
VCE(SAT)
0.5V @ IC / IB = 0.5A / 0.1A
Features
High Voltage
High Speed Switching
Structure
Silicon Triple Diffused Type
NPN Silicon Transistor
Ordering Information
Part No.
Package
Packing
TS13003HVCT B0
TO-92
1Kpcs / Bulk
TS13003HVCT B0G
TO-92
1Kpcs / Bulk
TS13003HVCT A3
TO-92
2Kpcs / Ammo
TS13003HVCT A3G
TO-92
2Kpcs / Ammo
Note: “G” denote for Halogen Free Product
Block Diagram
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
900V
V
Collector-Emitter Voltage
VCEO
530V
V
Emitter-Base Voltage
VEBO
10
V
DC
1.5
Collector Current
Pulse
IC
3
A
Maximum Power Dissipation
PD
0.5
W
Ptot
1.96
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Case Thermal Resistance
JC
64
oC/W
Junction to Ambient Thermal Resistance
RӨJA
248
oC/W
Pin Definition:
1. Emitter
2. Collector
3. Base


Numéro de pièce similaire - TS13003HVCTB0

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS13003HVCTB0 TSC-TS13003HVCTB0 Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13003HVCTB0 TSC-TS13003HVCTB0 Datasheet
186Kb / 6P
   High Voltage NPN Transistor
TS13003HVCTB0G TSC-TS13003HVCTB0G Datasheet
186Kb / 6P
   High Voltage NPN Transistor
More results

Description similaire - TS13003HVCTB0

FabricantNo de pièceFiches techniqueDescription
logo
Nanjing International G...
PZTA44G DGNJDZ-PZTA44G Datasheet
118Kb / 4P
   NPN HIGH VOLTAGE TRANSISTOR TRANSISTOR
logo
Taiwan Semiconductor Co...
TS13003HV TSC-TS13003HV Datasheet
51Kb / 3P
   High Voltage NPN Transistor
TS13007 TSC-TS13007 Datasheet
39Kb / 2P
   High Voltage NPN Transistor
logo
Fairchild Semiconductor
FJV42 FAIRCHILD-FJV42 Datasheet
99Kb / 4P
   NPN High Voltage Transistor
logo
Samsung semiconductor
MMBT5550 SAMSUNG-MMBT5550 Datasheet
74Kb / 2P
   NPN (HIGH VOLTAGE TRANSISTOR)
logo
NXP Semiconductors
BF422L PHILIPS-BF422L Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 21
BFV469 PHILIPS-BFV469 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 Apr 26
BSS64 PHILIPS-BSS64 Datasheet
41Kb / 8P
   NPN high-voltage transistor
1999 Apr 15
PZTA42 PHILIPS-PZTA42 Datasheet
43Kb / 8P
   NPN high-voltage transistor
1999 May 21
logo
Motorola, Inc
BF844 MOTOROLA-BF844 Datasheet
152Kb / 6P
   High Voltage Transistor(NPN)
logo
Taiwan Semiconductor Co...
TSC742A TSC-TSC742A Datasheet
409Kb / 6P
   High Voltage NPN Transistor
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com