Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS9011CXRF Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS9011CXRF
Description  250mA Low Quiescent Current CMOS LDO
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9011CXRF Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS9011CXRF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9011CXRF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9011CXRF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9011CXRF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9011CXRF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9011CXRF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS9011CXRF Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS9011
250mA Low Quiescent Current CMOS LDO
2/2
Version: E07
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
12
V
Output Current
IO
PD / (VIN – VO)
V
SOT-23
0.30
SOT-89
0.50
Power Dissipation
TO-92
PD
0.625
W
SOT-23
333
SOT-89
200
Thermal Resistance - Junction to Ambient
TO-92
JA
160
oC/W
Operating Ambient Temperature
TOPR
-40 ~ +85
oC
Junction Temperature Range
TJ
-40 ~ +150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Notes: Stress above the listed absolute rating may cause permanent damage to the device.
Electrical Characteristics (Ta = 25oC, unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Unit
TS90115
4.90
5.0
5.10
TS9011S
3.23
3.3
3.36
TS9011P
2.94
3.0
3.06
TS9011K
2.45
2.5
2.55
TS9011D
1.76
1.8
1.83
Output Voltage
VIN=Vo + 1V,
Io =40mA,
TS9011A
1.47
1.5
1.53
V
Maximum Output Current
VIN=Vo+1V,
250
--
--
mA
Input Stability
VO+1V ≤ Vin ≤ VO+2V, Io=1mA
--
0.2
0.3
%
TS90115
VIN=Vo+1V,
1mA≤IL≤100mA
TS9011S
--
40
80
TS9011P
TS9011K
TS9011D
Load Regulation (Note1)
VIN=Vo+1V,
1mA≤IL≤80mA
TS9011A
--
40
90
mV
Io=250mA
TS90115
--
400
600
Io=200mA
TS9011S
--
400
650
Io=160mA
TS9011P
--
400
700
Io=160mA
TS9011K
--
400
700
Io=120mA
TS9011D
--
400
750
Dropout Voltage (Note 2)
Io=100mA
TS9011A
--
850
1000
mV
Quiescent Current
VIN=Vo+1V, Io=0A
--
2
5
uA
Output Current Limit
VOUT < 0.4V
--
400
--
mA
Power Supply Rejection Ratio
At f=100KHz, Io=10mA,
--
30
--
dB
Output Voltage Temperature
Coefficient (Note 3)
--
100
--
ppm/
oC
Notes:
1. Regulation is measured at constant junction temperature, using pulsed ON time.
2. Dropout is measured at constant junction temperature, using pulsed ON time, and the criterion is VOUT inside
target value +/-2%.
3. Guaranteed by design.


Numéro de pièce similaire - TS9011CXRF

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011 Datasheet
60Kb / 4P
   250mA CMOS Low Dropout Voltage Regulator
TS9011 TSC-TS9011 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011 Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS90115CT TSC-TS90115CT Datasheet
60Kb / 4P
   250mA CMOS Low Dropout Voltage Regulator
TS90115CX TSC-TS90115CX Datasheet
60Kb / 4P
   250mA CMOS Low Dropout Voltage Regulator
More results

Description similaire - TS9011CXRF

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
TS9011PCT TSC-TS9011PCT Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_15 Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011PCX TSC-TS9011PCX Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011PCY TSC-TS9011PCY Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
logo
TECH PUBLIC Electronics...
TPS7B69 TECHPUBLIC-TPS7B69 Datasheet
3Mb / 7P
   250mA, 40V Ultralo-Quiescent-Current LDO
logo
Richtek Technology Corp...
RT9086 RICHTEK-RT9086 Datasheet
1Mb / 21P
   250mA, Ultra-Low Noise, Low Quiescent Current, LDO Regulator
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com