Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS2950CTB0 Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS2950CTB0
Description  150mA Ultra Low Dropout Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2950CTB0 Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2950CTB0 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2950CTB0 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2950CTB0 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2950CTB0 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2950CTB0 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2950CTB0 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2950CTB0 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS2950/A
150mA Ultra Low Dropout Voltage Regulator
1/10
Version: D11
TO-92
TO-252
(DPAK)
General Description
The TS2950/A are low power voltage regulators. These devices are excellent choice for use in battery-powered
applications such as cordless telephone, radio control systems, and portable computers.
The TS2950/A is features very low quiescent current (75uA Typ.) and very low drop output voltage (Typ. 40uV at
light load and 380 mV at 100 mA). This includes a tight initial tolerance of 1% (A version), extremely good load
and line regulation 0.05% typ. and very low output temperature coefficient, making the TS2950/A useful as a low-
power voltage reference.
Features
Extremely low quiescent current
Low dropout voltage
Extremely tight load and line regulation
Very low temperature coefficient
Need only 1uF for stability
Use as Regulator or Reference
Stable with low-ESR output capacitors
Current and thermal limiting
Ordering Information
Part No.
Package
Packing
TS2950CTxx B0
TO-92
1Kpcs / Bulk
TS2950CTxx A3
TO-92
2Kpcs / Ammo
TS2950ACTxx B0
TO-92
1Kpcs / Bulk
TS2950ACTxx A3
TO-92
2Kpcs / Ammo
TS2950CPxx RO
TO-252
2.5Kpcs / 13” reel
TS2950ACPxx RO
TO-252
2.5Kpcs / 13” reel
Note: Where xx denotes voltage option, available are
50= 5.0V
33= 3.3V
30= 3.0V
Contact factory for additional output voltage option.
Application
Battery powered systems
SMPS Post-Regulator
Voltage Reference
Portable consumer equipment
Radio control system
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
TO-92
TO-252
Input Supply Voltage
VIN
- 0.3 ~ +30
V
Power Dissipation
Pd
Internally Limited
W
Operating Junction Temperature Range
TJ
- 40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Temperature (Soldering 5 second)
TSTG
260
oC
Thermal Resistance Junction to Ambient
JA
160
100
oC/W
Thermal Resistance Junction to Case
JC
80
2.87
oC/W
Pin Definition:
1. Output
2. Ground
3. Input
Pin Definition:
1. Input
2. Ground
3. Output


Numéro de pièce similaire - TS2950CTB0

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS2950CT TSC-TS2950CT Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS2950CT TSC-TS2950CT Datasheet
404Kb / 10P
   150mA Ultra Low Dropout Voltage Regulator
TS2950CT-3.0 TSC-TS2950CT-3.0 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS2950CT-3.3 TSC-TS2950CT-3.3 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS2950CT-5.0 TSC-TS2950CT-5.0 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
More results

Description similaire - TS2950CTB0

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950_07 Datasheet
404Kb / 10P
   150mA Ultra Low Dropout Voltage Regulator
TS2951 TSC-TS2951 Datasheet
170Kb / 8P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950_14 Datasheet
186Kb / 9P
   150mA Ultra Low Dropout Voltage Regulator
TS2951 TSC-TS2951_15 Datasheet
345Kb / 9P
   150mA Ultra Low Dropout Voltage Regulator
TS2950 TSC-TS2950 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
logo
Sipex Corporation
SPX1121 SIPEX-SPX1121 Datasheet
157Kb / 6P
   150mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2950 ADMOS-AMS2950 Datasheet
144Kb / 14P
   150mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2969 SIPEX-SPX2969 Datasheet
87Kb / 9P
   150mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2950 MICREL-MIC2950_10 Datasheet
1Mb / 20P
   150mA Low-Dropout Voltage Regulator
MIC2950 MICREL-MIC2950 Datasheet
146Kb / 14P
   150mA Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com