Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS2418 Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS2418
Description  Telephone Tone Ringer with Bridge Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2418 Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS2418_08 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2418_08 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2418_08 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2418_08 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2418_08 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TS2418
Telephone Tone Ringer with Bridge Diode
3/5
Version: B07
Test and Application Circuit
.
Description:
The TS2418 tone ringer derives its power supply by rectifying the AC ringing signal. It uses this power to activate
two tone generators. The two tone frequencies generated are switched by internal oscillator in a fast sequence and
made audible across an output amplifier in the loudspeaker; both tone frequencies and the switching frequency can
be externally adjusted.
The device can drive either directly a piezo ceramic converter (buzzer) or small loudspeaker. In case of using a loud-
speaker, a transformer is needed.
An internal shunt voltage regulator provides DC voltage to the output stage, low frequency oscillator, and high f
frequency oscillator. To protect the IC from telephone line transients, a zener Diode is included.


Numéro de pièce similaire - TS2418_08

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS2418 TSC-TS2418_07 Datasheet
268Kb / 6P
   Telephone Tone Ringer with Bridge Diode
More results

Description similaire - TS2418_08

FabricantNo de pièceFiches techniqueDescription
logo
Wing Shing Computer Com...
WS2418 WINGS-WS2418 Datasheet
102Kb / 3P
   TELEPHONE TONE RINGER WITH BRIDGE DIODE
logo
System Logic Semiconduc...
SL2418 SLS-SL2418 Datasheet
33Kb / 3P
   Telephone Tone Ringer with Bridge Diode
logo
List of Unclassifed Man...
IL2418 ETC-IL2418 Datasheet
48Kb / 5P
   Telephone Tone Ringer with Bridge Diode
logo
Taiwan Semiconductor Co...
TS2418 TSC-TS2418 Datasheet
117Kb / 4P
   Telephone tone ringer with bridge diode
logo
Wing Shing Computer Com...
KA2418 WINGS-KA2418 Datasheet
103Kb / 3P
   TELEPHONE TONE RINGER WITH BRIDGE DIODE
logo
List of Unclassifed Man...
IN2418 ETC-IN2418 Datasheet
152Kb / 3P
   Telephone Tone Ringer with Bridge Diode
logo
Integral Corp.
IL6840 INTEGRAL-IL6840 Datasheet
297Kb / 5P
   Telephone Tone Ringer with Bridge Diode
logo
Taiwan Semiconductor Co...
TS2418 TSC-TS2418_07 Datasheet
268Kb / 6P
   Telephone Tone Ringer with Bridge Diode
logo
Motorola, Inc
MC34012-1 MOTOROLA-MC34012-1 Datasheet
21Kb / 1P
   TELEPHONE TONE RINGER
logo
Unisonic Technologies
31002A UTC-31002A_15 Datasheet
193Kb / 5P
   TELEPHONE TONE RINGER
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com