Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TS1115 Datasheet(Fiches technique) 4 Page - Taiwan Semiconductor Company, Ltd

Numéro de pièce TS1115
Description  500mA Low Dropout Positive Voltage Regulator
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1115 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS1115_09 Datenblatt HTML 1Page - Taiwan Semiconductor Company, Ltd TS1115_09 Datenblatt HTML 2Page - Taiwan Semiconductor Company, Ltd TS1115_09 Datenblatt HTML 3Page - Taiwan Semiconductor Company, Ltd TS1115_09 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1115_09 Datenblatt HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TS1115
500mA Low Dropout Positive Voltage Regulator
4/5
Version: C07
SOT-89 Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
XX = Voltage Code
(15=1.5V, 18=1.8V, 25=2.5V, 33=3.3V, 50=5V)
= Package Code for Adjustable type
(CY = SOT-89)
SOT-89 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.40
4.60
0.173
0.181
B
1.50
1.7
0.059
0.070
C
2.30
2.60
0.090
0.102
D
0.40
0.52
0.016
0.020
E
1.50
1.50
0.059
0.059
F
3.00
3.00
0.118
0.118
G
0.89
1.20
0.035
0.047
H
4.05
4.25
0.159
0.167
I
1.4
1.6
0.055
0.068
J
0.35
0.44
0.014
0.017


Html Pages

1  2  3  4  5