Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS79MCPRO Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS79MCPRO
Description  3-Terminal 500mA Negative Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS79MCPRO Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS79MCPRO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS79MCPRO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS79MCPRO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS79MCPRO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS79MCPRO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS79MCPRO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS79MCPRO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS79M00 Series
3-Terminal 500mA Negative Voltage Regulator
1/7
Version: C07
TO-220
TO-252
(DPAK)
General Description
The TS79M00 series of fixed output negative voltage regulators are intended as complements to the popular
TS78M00 series device. These negative regulators are available in the same seven-voltage options as the TS7900
devices. In addition, one extra voltage option commonly employed in MECL systems is also available in the negative
TS79M00 Series. Available in fixed output voltage options from -5.0 to -24 volts, these regulators employ current
limiting, thermal shutdown, and safe-area compensation--making them remarkably rugged under most operating
conditions. With adequate heat sinking they can deliver output currents in excess of 0.5 ampere.
Features
Output Voltage: -5 & -12V
Output current up to 0.5A
No external components required
Internal thermal overload protection
Internal short-circuit current limiting
Output transistor safe-area compensation
Output voltage offered in 4% tolerance
Ordering Information
Part No.
Package
Packing
TS79MxxCZ C0
TO-220
50pcs / Tube
TS79MxxCP RO
TO-252
2.5Kpcs / 13” Reel
Note: Where xx denote voltage option
Standard Application Circuit
Absolute Maximum Rating (Ta = 25ºC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Input Voltage
VIN
-35
V
Power Dissipation
PD
Internal Limited
W
Operating Junction Temperature
TJ
0~+125
oC
Storage Temperature Range
TSTG
-65~+150
oC
Note: Follow the derating curve
A common ground is required between the input and the
output voltages. The input voltage must remain typically
2.0V above the output voltage even during the low point on
the Input ripple voltage.
XX = these two digits of the type number indicate voltage.
* = Cin is required if regulator is located an appreciable
distance from power supply filter.
** = Co is not needed for stability; however, it does improve
transient response.
Pin Definition:
1. Ground
2. Input (tab)
3. Output


Numéro de pièce similaire - TS79MCPRO

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS79M00 TSC-TS79M00 Datasheet
169Kb / 7P
   3-Terminal Medium Current Negative Voltage Regulator
TS79M00 TSC-TS79M00 Datasheet
289Kb / 7P
   3-Terminal 500mA Negative Voltage Regulator
TS79M00A TSC-TS79M00A Datasheet
494Kb / 10P
   3-Terminal 500mA Negative Voltage Regulator
TS79M00 TSC-TS79M00_14 Datasheet
289Kb / 7P
   3-Terminal 500mA Negative Voltage Regulator
TS79M05 TSC-TS79M05 Datasheet
169Kb / 7P
   3-Terminal Medium Current Negative Voltage Regulator
More results

Description similaire - TS79MCPRO

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS79M00 TSC-TS79M00_14 Datasheet
289Kb / 7P
   3-Terminal 500mA Negative Voltage Regulator
TS79M00A TSC-TS79M00A Datasheet
494Kb / 10P
   3-Terminal 500mA Negative Voltage Regulator
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com