Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LQ4FN31 Datasheet(Fiches technique) 1 Page - Sharp Electrionic Components

Numéro de pièce LQ4FN31
Description  Color TFT-LCD Module for AV/Car Navigation(LCD TV/Digital still camera/LCD camcorder)
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SHARP [Sharp Electrionic Components]
Site Internet  http://sharp-world.com/
Logo 

LQ4FN31 Datasheet(HTML) 1 Page - Sharp Electrionic Components

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Under Development
Color TFT-LCD Module for AV/Car Navigation
LQ4FN31
(LCD TV/Digital still camera/LCD camcorder)
Features
n
Display size : 8.9 cm [3.5"]
n
Compact & flat type utilizing ACF-COG technology
Specifications
Parameter
Unit
Parameter
Unit
Display size
8.9 [3.5]
cm [ "]
Backlight type
-
-
No. of pixels*1
21 840
pixel
Brightness
-
cd/m2
Dot format (H x V)
280 x 234
dot
Power consumption panel
70
mW
Dot pitch (H x V)
0.151 x 0.229
mm
& backlight
Active area (H x V)
72.4 x 50.4
mm
Outline dimensions (W x H x D) 85.0 x 63.3 x 2.2
mm
Input signal system
NTSC/PAL*2
-
Weight
35
g
Input video signal
TFT Specific Analog RGB
-
Operating temperature
-10 to + 70
∞C
Viewing direction
6:00
-
Storage temperature
-30 to + 80
∞C
*1...Pixel configuration : RGB Delta
*2...MBK-PAL system is adopted as PAL. LCD panel has 234 scanning lines but video-signals are deleted
for certain intervals, and displays a picture of 273 virtual scanning lines.
Outline Dimensions
unit : mm
detail of corner
(44)
39.6
Screen center
41
(Shielding Case)
31
Screen side
0.2
(convex)
2.2
76.9(aperture)
Screen size(72.4 x 50.38)
85


Html Pages

1 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn