Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TS10B02G Datasheet(Fiches technique) 1 Page - Taiwan Semiconductor Company, Ltd

Numéro de pièce TS10B02G
Description  Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS10B02G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS10B02G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS10B02G Datenblatt HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
UL Recoganized File # E-326243
Glass passivated junction
Surge overload rating to 150 amperes peak
High case dielectric strength of 2000VRMS
Isolated voltage from case to lead over 2500 volts
Mechanical Data
TS10B0XG
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
TS10B
01G
TS10B
02G
TS10B
03G
TS10B
04G
TS10B
05G
TS10B
06G
TS10B
07G
Unit
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
IFSM
A
I
2TA2S
RθjC
OC/W
TJ
OC
TSTG
OC
Weight: 4 grams
Typical Thermal Resistance (Note 2)
Type Number
Maximum Average Forward Rectified Current
@ TC=100℃
Mounting Torque : 5 in-lbs Max.
- 55 to + 150
1.4
Plastic material has Underwriters laboratory
Flammability Classification 94V-0
Features
Ideal for printed circuit board
Reliable low cost construction
150
10
500
TS10B01G - TS10B07G
Marking Diagram
TS4B
V
93
Version:E10
Case: Molded plastic
Maximum Reverse Current @ Rated VR TA=25 ℃
(Note 1)
T A=125 ℃
IR
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
10
Rating of fusing ( t<8.3ms)
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Dimensions in inches and (millimeters)
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Terminals: Leads solderable per
MIL-STD-750, Method 2026
High temperature soldering guaranteed:
260℃/10 seconds / 0.375", (9.5mm) lead length
at 5 lbs.,(2.3kg) tension
Note 2 : Mount on Heatsink Size of 4" x 6" x 0.25" Al-Plate
Maximum Instantaneous Forward Voltage @ 5.0A
@10.0A
VF
1.0
1.1
Note 1 : Pulse Test with PW=300 usec, 1% Duty Cycle
Operating Temperature Range
Storage Temperature Range
- 55 to + 150
uA
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn