Moteur de recherche de fiches techniques de composants électroniques |
|
SD103AW Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd |
|
SD103AW Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd |
2 / 3 page SD103AW,SD103BW,SD103CW 400mW, Low VF SMD Schottky Barrier Diode Small Signal Diode Maximum Ratings IR= 10μA IR= 10μA IR= 10μA IF= 20mA IF= 200mA VR= 30V VR= 20V VR= 10V Junction Capacitance Carrier & Reel specification SD103CW SD103AW SD103BW SD103CW VR=0, f=1.0MHz CJ 50 Reverse Breakdown Voltage (Minimum value) Reverse Leakage Current (Maximum value) IR Forward Voltage (Maximum value) VF SD103AW SD103BW μA pF V V Reel width W1 12.3 ±0.20 20 Reel inner diameter D1 54.4 ±0.40 Rating at 25°C ambient temperature unless otherwise specified. V(BR) 30 Type Number Units Symbol 40 - 0.60 Typ 0.37 Min 3.15 ±0.10 Max 5 Carrier length B 3.94 ±0.05 Dimension (mm) D 178 ±1 Carrier depth 1.35 ±0.10 3.50 ±0.05 1.75 ±0.10 Item Symbol Sprocket hole d C Carrier width A Reel outside diameter 0.22 ±0.05 D2 13.0 ±0.20 Sprocke hole position E 1.75 ±0.10 Punch hole position Sprocke hole pitch Feed hole width F Tape width W 8.10 ±0.20 P0 4.00 ±0.10 Embossment center P1 2.00 ±0.05 Overall tape thickness T W1 D1 D2 D User Direction of Feed Top Cover Tape Carieer Tape Any Additional Label (If Required) TSC label T C d P1 P0 A B F W E Version : B11 |
Numéro de pièce similaire - SD103AW_11 |
|
Description similaire - SD103AW_11 |