Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX79C39 Fiches technique(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No de pièce BZX79C39
Description  500mW,5% Tolerance Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX79C39 Fiches technique(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZX79C39 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX79C39 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX79C39 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX79C39 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BZX79C2V4-BZX79C75
500mW,5% Tolerance Zener Diode
Small Signal Diode
Electrical Characteristics
Ta = 25°C unless otherwise noted
VF Forward Voltage = 1.5V Maximum @ IF = 100 mA for all part numbers
Min
Nom
Max
BZX79C2V4
BZX79C2V4
2.3
2.4
2.5
5
100
1.0
600
100
1.0
BZX79C2V7
BZX79C2V7
2.6
2.7
2.8
5
100
1.0
600
75
1.0
BZX79C3V0
BZX79C3V0
2.9
3.0
3.2
5
95
1.0
600
50
1.0
BZX79C3V3
BZX79C3V3
3.1
3.3
3.5
5
95
1.0
600
25
1.0
BZX79C3V6
BZX79C3V6
3.4
3.6
3.8
5
90
1.0
600
15
1.0
BZX79C3V9
BZX79C3V9
3.7
3.9
4.1
5
90
1.0
600
10
1.0
BZX79C4V3
BZX79C4V3
4.1
4.3
4.5
5
90
1.0
600
5
1.0
BZX79C4V7
BZX79C4V7
4.5
4.7
4.9
5
80
1.0
500
3
2.0
BZX79C5V1
BZX79C5V1
4.8
5.1
5.4
5
60
1.0
480
2
2.0
BZX79C5V6
BZX79C5V6
5.3
5.6
5.9
5
40
1.0
400
1
2.0
BZX79C6V2
BZX79C6V2
5.9
6.2
6.5
5
10
1.0
150
3
4.0
BZX79C6V8
BZX79C6V8
6.5
6.8
7.1
5
15
1.0
80
2
4.0
BZX79C7V5
BZX79C7V5
7.1
7.5
7.9
5
15
1.0
80
1
5.0
BZX79C8V2
BZX79C8V2
7.8
8.2
8.6
5
15
1.0
80
0.7
5.0
BZX79C9V1
BZX79C9V1
8.6
9.1
9.6
5
15
1.0
100
0.5
6.0
BZX79C10
BZX79C10
9.5
10
10.5
5
20
1.0
150
0.2
7.0
BZX79C11
BZX79C11
10.5
11
11.6
5
20
1.0
150
0.1
8.0
BZX79C12
BZX79C12
11.4
12
12.6
5
25
1.0
150
0.1
8.0
BZX79C13
BZX79C13
12.4
13
13.7
5
30
1.0
170
0.1
8.0
BZX79C15
BZX79C15
14.3
15
15.8
5
30
1.0
200
0.05
10.5
BZX79C16
BZX79C16
15.2
16
16.8
5
40
1.0
200
0.05
11.2
BZX79C18
BZX79C18
17.1
18
18.9
5
45
1.0
225
0.05
12.6
BZX79C20
BZX79C20
19.0
20
21.0
5
55
1.0
225
0.05
14.0
BZX79C22
BZX79C22
20.9
22
23.1
5
55
1.0
250
0.05
15.4
BZX79C24
BZX79C24
22.8
24
25.2
5
70
1.0
250
0.05
16.8
BZX79C27
BZX79C27
25.7
27
28.4
2
80
0.5
300
0.05
18.9
BZX79C30
BZX79C30
28.5
30
31.5
2
80
0.5
300
0.05
21.0
BZX79C33
BZX79C33
31.4
33
34.7
2
80
0.5
325
0.05
23.1
BZX79C36
BZX79C36
34.2
36
37.8
2
90
0.5
350
0.05
25.2
BZX79C39
BZX79C39
37.1
39
41.0
2
130
0.5
350
0.05
27.3
BZX79C43
BZX79C43
40.9
43
45.2
2
150
0.5
375
0.05
30.1
BZX79C47
BZX79C47
44.7
47
49.4
2
170
0.5
375
0.05
32.9
BZX79C51
BZX79C51
48.5
51
53.6
2
180
0.5
400
0.05
35.7
BZX79C56
BZX79C56
53.2
56
58.8
2
200
0.5
425
0.05
39.2
BZX79C62
BZX79C62
58.9
62
65.1
2.5
215
0.5
1000
0.05
43.4
BZX79C68
BZX79C68
64.6
68
71.4
2.5
240
0.5
1000
0.05
47.6
BZX79C75
BZX79C75
71.3
75
78.8
2.5
255
0.5
1000
0.05
52.5
Notes:
1. The Zener Voltage (VZ) is tested under pulse condition of 10ms
2. The device numbers listed have a standard tolerance on the nominal zener voltage of ±5%.
4. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an rms value equal to 10% of the DC
zener current
Part Number
ZZT @ IZT(Ω)
Max
ZZK @ IZK(Ω)
Max
VZ @ IZT (Volt)
IR @ VR(μA)
Max
IZK(mA)
IZT(mA)
VR(V)
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages shown and tighter voltage tolerances,
contact your nearest Taiwan semiconductor representative.
Marking
Code
Version : B11


Numéro de pièce similaire - BZX79C39

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BZX79C39 FAIRCHILD-BZX79C39 Datasheet
47Kb / 5P
   Zeners
logo
Zibo Seno Electronic En...
BZX79C39 ZSELEC-BZX79C39 Datasheet
70Kb / 3P
   500mW Silicon Planar Pow
logo
EIC discrete Semiconduc...
BZX79C39 EIC-BZX79C39 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Micro Commercial Compon...
BZX79C39 MCC-BZX79C39 Datasheet
235Kb / 5P
   500mW Silicon Zener Diodes
logo
First Components Intern...
BZX79C39 FCI-BZX79C39 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
More results

Description similaire - BZX79C39

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
   500mW,5% Tolerance Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_14 Datasheet
155Kb / 6P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
logo
Central Semiconductor C...
CMHZ4614 CENTRAL-CMHZ4614 Datasheet
55Kb / 2P
   500mW LOW NOISE ZENER DIODE 5% TOLERANCE
CLL4614 CENTRAL-CLL4614 Datasheet
106Kb / 2P
   500mW LOW NOISE ZENER DIODE 5% TOLERANCE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com