Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC856BRFG Fiches technique(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

No de pièce BC856BRFG
Description  250mW, PNP Small Signal Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BC856BRFG Fiches technique(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BC856BRFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BC856BRFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BC856BRFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BC856BRFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BC856A/B, BC857A/B/C, BC858A/B/C
250mW, PNP Small Signal Transistor
Small Signal Transistor
Surface device type mounting
Moisture sensitivity level 1
Matte Tin(Sn) lead finish with Nickel(Ni) underplate
Pb free version and RoHS compliant
Min
Max
Min
Max
Case : SOT- 23 small outline plastic package
2.80
3.00
0.110 0.118
1.20
1.40
0.047 0.055
0.30
0.50
0.012 0.020
1.80
2.00
0.071 0.079
2.25
2.55
0.089 0.100
0.90
1.20
0.035 0.043
Package
Packing
Marking
SOT-23
3K / 7" Reel
3A
SOT-23
3K / 7" Reel
3B
SOT-23
3K / 7" Reel
3E
SOT-23
3K / 7" Reel
3F
SOT-23
3K / 7" Reel
3G
SOT-23
3K / 7" Reel
3J
SOT-23
3K / 7" Reel
3K
SOT-23
3K / 7" Reel
3L
SOT-23
3K / 7" Reel
3A
SOT-23
3K / 7" Reel
3B
SOT-23
3K / 7" Reel
3E
SOT-23
3K / 7" Reel
3F
SOT-23
3K / 7" Reel
3G
SOT-23
3K / 7" Reel
3J
SOT-23
3K / 7" Reel
3K
SOT-23
3K / 7" Reel
3L
Maximum Ratings
BC856
BC857
BC858
BC856
BC857
BC858
Notes:1. Valid provided that electrodes are kept at ambient temperature
BC857C RFG
BC858A RFG
BC858B RFG
BC858C RFG
SOT-23
Type Number
Symbol
Epitaxial planar die construction
BC858B RF
Weight : 0.008gram (approximately)
Maximum Ratings and Electrical Characteristics
C
Unit (mm)
Terminal: Matte tin plated, lead free., solderable
per MIL-STD-202, Method 208 guaranteed
-5
250
Collector-Base Voltage
Collector-Emitter Voltage
VCBO
VCEO
Unit (inch)
Dimensions
BC856A RFG
Suggested PAD Layout
V
V
-65
-45
-30
-80
-50
-30
BC858C RF
BC856B RFG
BC857A RFG
BC857B RFG
Rating at 25°C ambient temperature unless otherwise specified.
B
Power Dissipation
PD
BC857A RF
BC857B RF
BC857C RF
BC858A RF
Value
Features
Mechanical Data
Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
A
High temperature soldering guaranteed: 260°C/10s
F
D
E
Junction and Storage Temperature Range
TJ, TSTG
Emitter-Base Voltage
VEBO
Collector Current
IC
Ordering Information
Part No.
BC856A RF
BC856B RF
Units
°
C
-0.1
-55 to + 150
A
mW
V
B
A
C
D
F
E
2 Emitter
3 Collector
1 Base
2.0
0.079
0.95
0.037
0.9
0.035
0.8
0.031
Version : E11


Numéro de pièce similaire - BC856BRFG

FabricantNo de pièceFiches techniqueDescription
logo
GUANGDONG HOTTECH INDUS...
BC856B HOTTECH-BC856B Datasheet
498Kb / 3P
   Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BC856B PHILIPS-BC856B Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Rectron Semiconductor
BC856B RECTRON-BC856B Datasheet
518Kb / 6P
   Ideally suited for automatic insertion
logo
Taiwan Semiconductor Co...
BC856B TSC-BC856B Datasheet
88Kb / 3P
   0.2 Watts PNP Plastic-Encapsulate Transistors
logo
Infineon Technologies A...
BC856B INFINEON-BC856B Datasheet
887Kb / 14P
   PNP Silicon AF Transistor
2008-04-29
More results

Description similaire - BC856BRFG

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
BCX70G MCC-BCX70G_13 Datasheet
246Kb / 3P
   NPN Small Signal Transistor 250mW
logo
Taiwan Semiconductor Co...
BC846A TSC-BC846A_10 Datasheet
218Kb / 3P
   250mW, NPN Small Signal Transistor
logo
Micro Commercial Compon...
BCX70G MCC-BCX70G Datasheet
211Kb / 3P
   NPN Small Signal Transistor 250mW
BAS19 MCC-BAS19_16 Datasheet
180Kb / 3P
   Small Signal Diodes 250mW
logo
Shanghai Lunsure Electr...
BAS19 CHENYI-BAS19 Datasheet
73Kb / 2P
   Small Signal Diodes 250mW
logo
Micro Commercial Compon...
BAS19 MCC-BAS19 Datasheet
175Kb / 3P
   Small Signal Diodes 250mW
BAS19 MCC-BAS19_13 Datasheet
233Kb / 3P
   Small Signal Diodes 250mW
logo
STMicroelectronics
SOA56 STMICROELECTRONICS-SOA56 Datasheet
35Kb / 4P
   SMALL SIGNAL PNP TRANSISTOR
logo
Taiwan Semiconductor Co...
DTA143ZM TSC-DTA143ZM Datasheet
212Kb / 3P
   PNP Small Signal Transistor
DTC143ZM TSC-DTC143ZM Datasheet
730Kb / 5P
   PNP Small Signal Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com