Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

E121SD1AV2E Fiches technique(PDF) 6 Page - C&K Components

No de pièce E121SD1AV2E
Description  Sealed Snap-acting Momentary Pushbutton Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

E121SD1AV2E Fiches technique(HTML) 6 Page - C&K Components

  E121SD1AV2E Datasheet HTML 1Page - C&K Components E121SD1AV2E Datasheet HTML 2Page - C&K Components E121SD1AV2E Datasheet HTML 3Page - C&K Components E121SD1AV2E Datasheet HTML 4Page - C&K Components E121SD1AV2E Datasheet HTML 5Page - C&K Components E121SD1AV2E Datasheet HTML 6Page - C&K Components E121SD1AV2E Datasheet HTML 7Page - C&K Components E121SD1AV2E Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A-26
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
A
Third Angle
Projection
E020 Series
Sealed Snap-acting Momentary Pushbutton Switches
TERMINATIONS
CONTACT MATERIAL
SEAL
Disposable splashproof boot supplied standard.
Remove and discard boot
only after soldering and
cleaning processes are complete.
Dim 'A'
SNAP-IN
PC MOUNTING
E
EPOXY SEAL AND DISPOSABLE SPLASHPROOF BOOT
V6, V8
VERTICAL MOUNT, V-BRACKET
V61, V81
VERTICAL MOUNT, V-BRACKET, SNAP-IN
E221SD3V6GE
DPDT
V6, V61
.460 (11,68)
V8, V81
.953 (24,21)
DIM ‘A’
OPTION
CODE
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 N.O. AND N.C. CONTACTS: Coin silver, with gold plate over nickel plate.
3 COMMON CONTACTS & ALL TERMINALS: Copper alloy, with gold plate
over nickel plate.
4 TERMINALS: Copper alloy, with matte-tin alloy over nickel plate.
NOTE: Any models supplied with P, R, B or G contact material are RoHS compliant.
E121, E221 models
with all options when ordered with mandatory
G, or R contact material.
P or B contact material must be ordered with EX25 models.
R or G contact material must be ordered with EX21 models.
OPTION
CODE
TERMINAL
PLATING
RATINGS
GOLD 1
GOLD 3
MATTE-TIN 4
GOLD 1
MATTE-TIN 4
LOW LEVEL/DRY CIRCUIT
LOW LEVEL/DRY CIRCUIT OR POWER
EX25 MODELS ONLY: 0.4 VA MAX.
@ 20 V AC OR DC MAX.
EX21 MODELS ONLY: 0.4 VA MAX @ 20 V AC OR
DC MAX. OR 1 AMP @ 120 V AC OR 28 V DC.
B
P
G
R
GOLD OVER
SILVER 2,3
CONTACT
MATERIAL


Numéro de pièce similaire - E121SD1AV2E

FabricantNo de pièceFiches techniqueDescription
ITT Industries
ITT Industries
E121SD1AV2BE ITT-E121SD1AV2BE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
E121SD1AV2GE ITT-E121SD1AV2GE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
E121SD1AV2KE ITT-E121SD1AV2KE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
E121SD1AV2LE ITT-E121SD1AV2LE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
E121SD1AV2PE ITT-E121SD1AV2PE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
More results

Description similaire - E121SD1AV2E

FabricantNo de pièceFiches techniqueDescription
ITT Industries
ITT Industries
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
   Sealed Snap-acting Momentary Pushbutton Switches
C&K Components
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
1Mb / 17P
   Snap-acting Momentary Pushbutton Switches
ITT Industries
ITT Industries
8121SD9ABE223 ITT-8121SD9ABE223 Datasheet
2Mb / 17P
   Snap-acting Momentary Pushbutton Switches
GREATECS
GREATECS
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
   Sealed Snap-Acting Pushbutton Switches
List of Unclassifed Manufacturers
List of Unclassifed Man...
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
   Snap-Acting Momentary Pushbutton Switch
ITT Industries
ITT Industries
E112SD1ABE ITT-E112SD1ABE Datasheet
698Kb / 6P
   Sealed Momentary Pushbutton Switches
E010 ITT-E010 Datasheet
386Kb / 6P
   Sealed Momentary Pushbutton Switches
C&K Components
C&K Components
E010 CK-COMPONENTS-E010 Datasheet
467Kb / 6P
   Sealed Momentary Pushbutton Switches
E-SWITCH
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
   PUSHBUTTON SWITCHES - SNAP-ACTING
C&K Components
C&K Components
LCS CK-COMPONENTS-LCS Datasheet
213Kb / 4P
   Subminiature Sealed Snap-acting Switches
More results


Html Pages

1  2  3  4  5  6  7  8 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz