Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA1V105M8R Fiches technique(PDF) 6 Page - Rohm

No de pièce TCA1V105M8R
Description  Chip tantalum capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

TCA1V105M8R Fiches technique(HTML) 6 Page - Rohm

  TCA1V105M8R Datasheet HTML 1Page - Rohm TCA1V105M8R Datasheet HTML 2Page - Rohm TCA1V105M8R Datasheet HTML 3Page - Rohm TCA1V105M8R Datasheet HTML 4Page - Rohm TCA1V105M8R Datasheet HTML 5Page - Rohm TCA1V105M8R Datasheet HTML 6Page - Rohm TCA1V105M8R Datasheet HTML 7Page - Rohm TCA1V105M8R Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6/7
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.06 - Rev.F
Data Sheet
TC Series A Case
Standard products list, TC series A case
22
0.9
33
1.3
47
68
1.9
2.7
0.5
3.3
1.5
4
10
0.5
0.5
0.5
15
0.6
TC A 0G 475M8R
TC A 0G 106M8R
TC A 0G 156M8R
TC A 0G 226M8R
TC A 0G 336M8R
TC A 0G 476M8R
TC A 0G 686M8R
TC A 0J 335M8R
4.7
TC A 0G 685M8R
6.8
TC A 0J 475M8R
4.7
2.2
TC A 0J 685M8R
TC A 0J 106M8R
2.5
5
4
2.5
5
4
2.5
5
4
2.5
5
4
2.5
5
4
2.5
5
4
2.5
5
4
2.5
5
6.3
4
8
6.3
4
8
6.3
4
8
6.3
4
8
6.3
4
8
6.3
4
8
6.3
4
8
6.3
4
8
10
6.3
13
10
6.3
13
10
6.3
13
10
6.3
13
10
6.3
13
10
6.3
13
10
6.3
13
10
6.3
13
16
10
20
16
10
20
16
10
20
6.8
3.3
10
4.7
0.5
15
TC A 0J 156M8R
TC A 0J 226M8R
22
3.0
0.7
TC A 0J 336M8R
TC A 0J 476M8R
TC A 1A 155M8R
TC A 1A 225M8R
TC A 1A 335M8R
TC A 1A 475M8R
TC A 1A 685M8R
33
2.1
0.9
47
6.8
10
6
10
12
18
6
10
12
18
14
30
34
10
14
30
34
8
8
12
10
8
12
10
8
12
10
8
12
10
12
16
24
8
8
12
10
0.5
8
12
10
8
12
10
8
12
10
12
16
24
0.5
6
10
8
0.5
6
10
8
0.5
8
12
10
0.5
4
3
3.5
3.2
3
5.6
4.9
5.6
4.9
4.2
3.5
3.2
3.2
8.8
5.6
4.9
8
12
10
4.2
8
12
10
4
8
12
10
3
10
14
12
3.5
12
30
16
3.2
4.2
4
3
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
100
4
TC A 0G 107M8R
4
2.5
5
30
54
36
3
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
20
+−
1.0
TC A 1A 106M8R
10
1.5
TC A 1A 156M8R
15
2.2
6
10
8
7
0.5
6
10
8
5.6
0.5
20
+−
20
+−
20
+−
20
+−
20
+−
6
10
8
4.9
0.5
6
10
8
4.8
6
10
8
3.9
6
10
8
3.8
8
12
10
3.5
0.5
TC A 1A 226M8R
22
TC A 1C 105M8R
1
TC A 1C 155M8R
1.5
TC A 1C 225M8R
2.2
TC A 1C 335M8R
3.3
10
20
16
10
20
16
10
20
16
10
20
16
0.8
TC A 1C 475M8R
4.7
1.1
TC A 1C 685M8R
6.8
1.6
TC A 1C 106M8R
10
0.6
1.4
20
+−
6
10
8
7
16
32
25
0.5
TC A 1E 105M8R
1
20
+−
6
10
8
6
13
26
20
0.5
TC A 1D 155M8R
1.5
20
+−
6
10
8
5.2
16
32
25
0.6
TC A 1E 225M8R
2.2
20
+−
6
10
8
5.2
13
26
20
0.5
TC A 1D 225M8R
2.2
20
+−
6
10
8
4.8
13
26
20
0.7
TC A 1D 335M8R
3.3
20
+−
6
10
8
3.9
13
26
20
0.9
TC A 1D 475M8R
4.7
20
+−
6
10
8
7
13
26
20
0.5
TC A 1D 105M8R
1
20
+−
6
10
8
6
16
32
25
0.5
TC A 1E 155M8R
1.5
20
+−
8
12
10
3.4
16
32
25
1.2
TC A 1E 475M8R
4.7
20
+−
6
10
8
7
22
44
35
0.5
TC A 1V 105M8R
1
20
+−
6
10
8
4.8
16
32
25
0.8
TC A 1E 335M8R
3.3
20
+−
=Under development
Part No.
Rated
voltage
85
°C
(V)
Category
voltage
125
°C
(V)
Surge
voltage
85
°C
(V)
Cap.
120Hz
(
μF)
Tolerance
(%)
Leakage
current
25
°C
1WV.60s
(
μA)
Df
120Hz
(%)
−55
°C
125
°C
25
°C
85
°C
Impedance
100kHz
(
Ω)


Numéro de pièce similaire - TCA1V105M8R

FabricantNo de pièceFiches techniqueDescription
logo
Delta Electronics, Inc.
TCA1048AB0C DELTA-TCA1048AB0C Datasheet
712Kb / 10P
   THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
logo
Siemens Semiconductor G...
TCA105 SIEMENS-TCA105 Datasheet
209Kb / 8P
   THRESHOLD SWITCH
logo
Texas Instruments
TCA1116 TI1-TCA1116 Datasheet
674Kb / 12P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C I/O EXPANDER WITH INTERRUPT AND RESET
TCA1116PWR TI1-TCA1116PWR Datasheet
674Kb / 12P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C I/O EXPANDER WITH INTERRUPT AND RESET
TCA1116RTWR TI1-TCA1116RTWR Datasheet
674Kb / 12P
[Old version datasheet]   LOW VOLTAGE 16-BIT I2C I/O EXPANDER WITH INTERRUPT AND RESET
More results

Description similaire - TCA1V105M8R

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com