Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCP0J225M8R Fiches technique(PDF) 6 Page - Rohm

No de pièce TCP0J225M8R
Description  Chip tantalum capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

TCP0J225M8R Fiches technique(HTML) 6 Page - Rohm

  TCP0J225M8R Datasheet HTML 1Page - Rohm TCP0J225M8R Datasheet HTML 2Page - Rohm TCP0J225M8R Datasheet HTML 3Page - Rohm TCP0J225M8R Datasheet HTML 4Page - Rohm TCP0J225M8R Datasheet HTML 5Page - Rohm TCP0J225M8R Datasheet HTML 6Page - Rohm TCP0J225M8R Datasheet HTML 7Page - Rohm TCP0J225M8R Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6/7
www.rohm.com
c
2010 ROHM Co., Ltd. All rights reserved.
2010.02 - Rev.E
Data Sheet
TC Series P Case
Standard products list, TC series A case
10
0.5
15
0.6
22
1.5
0.9
0.5
0.5
2.2
4
4.7
0.5
0.5
0.5
6.8
0.5
TC P 0G 225 M8R
TC P 0G 475 M8R
TC P 0G 685 M8R
TC P 0G 106 M8R
TC P 0G 156 M8R
TC P 0G 226 M8R
TC P 0J 155 M8R
TC P 0J 225 M8R
2.2
TC P 0G 335 M8R
3.3
TC P 0J 335 M8R
3.3
TC P 0J 475 M8R
TC P 0J 685 M8R
2.5
5
4
2.5
5
4
2.5
5
4
2.5
5
4
2.5
5
4
2.5
5
4
2.5
5
6.3
4
8
6.3
4
8
6.3
4
8
6.3
4
8
6.3
4
8
6.3
4
8
6.3
4
8
10
6.3
13
4.7
6.8
0.5
10
TC P 0J 106 M8R
TC P 0J 156 M8R
15
TC P 1A 105 M8R
1.0
0.5
0.6
15
10
20
20
10
20
20
10
30
30
15
30
30
15
15
20
30
30
20
30
30
20
30
30
20
30
30
30
30
15
30
20
30
30
0.5
20
30
30
20
30
30
20
30
30
30
15
11.8
9.3
8.3
7.7
33
1.4
TC P 0G 336 M8R
4
2.5
5
25
38
38
5.0
17.5
17.5
14.4
17.5
17.5
14.4
7.7
17.5
10
6.3
13
TC P 1A 155 M8R
1.5
0.5
20
30
30
16.1
10
6.3
13
TC P 1A 225 M8R
2.2
0.5
20
30
30
14.4
10
6.3
13
TC P 1A 335 M8R
3.3
0.5
20
30
30
11.8
10
6.3
13
TC P 1A 475 M8R
4.7
0.5
20
30
30
9.3
10
6.3
13
TC P 1A 685 M8R
6.8
0.7
20
30
30
9.3
10
6.3
13
TC P 1A 106 M8R
10
1.0
20
30
30
7.7
16
10
20
TC P 1C 105 M8R
1.0
0.5
10
15
15
16.1
16
10
20
TC P 1C 155 M8R
1.5
0.5
20
30
30
14.4
16
10
20
TC P 1C 225 M8R
2.2
0.5
20
30
30
11.8
16
10
20
TC P 1C 335 M8R
3.3
0.6
20
30
30
9.3
20
13
26
TC P 1D 105 M8R
1.0
0.5
10
15
15
16.1
25
16
32
TC P 1E 105 M8R
1.0
0.6
20
30
30
9.3
11.8
9.3
8.3
0.5
0.9
6.3
4
8
TC P 0J 226 M8R
22
25
38
38
5.0
1.4
Part No.
Rated
voltage
85
°C
(V)
Category
voltage
125
°C
(V)
Surge
voltage
85
°C
(V)
Cap.
120Hz
(
μF)
Tolerance
(%)
Leakage
current
25
°C
1WV.60s
(
μA)
Df
120Hz
(%)
−55
°C
125
°C
25
°C
85
°C
Impedance
100kHz
(
Ω)
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
±20
=Under development


Numéro de pièce similaire - TCP0J225M8R

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
TCP0J225M8R ROHM-TCP0J225M8R Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results

Description similaire - TCP0J225M8R

FabricantNo de pièceFiches techniqueDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T475K16TRAF NIC-NTC-T475K16TRAF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com