Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC848B Fiches technique(PDF) 1 Page - Micro Commercial Components

No de pièce BC848B
Description  NPN Plastic-Encapsulate Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC848B Fiches technique(HTML) 1 Page - Micro Commercial Components

  BC848B Datasheet HTML 1Page - Micro Commercial Components BC848B Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MaximumRatings
Operating temperature : -55
to +150
Storage temperature :
-55
to +150
BC846A
THRU
BC849C
NPN
Plastic-Encapsulate
Transistors
Features
Power Dissipation: 0.225W (Tamb=25 )(Note 1)
Collector Current: 0.1A
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
SOT-23
Revision:
A
20
11/01/01
TM
Micro Commercial Components
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=10
µAdc, I
E=0)
BC846
BC847
BC849
---
---
---
80
50
30
Vdc
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=10mAdc, IB=0)
BC846
BC847
BC849
---
---
---
65
45
30
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=10
µAdc, I
C=0)
---
6
Vdc
ICBO
Collector Cut-off Current
BC846 (VCB=80V, IE=0)
BC847 (VCB=50V, IE=0)
BC849 (VCB=30V, IE=0)
---
0.1
µAdc
ICEO
Collector Cut-off Current
BC846 (VCE=60V, IB=0)
BC847 (VCE=45V, IB=0)
BC849 (VCE=30V, IB=0)
---
0.1
µAdc
IEBO
Emitter Cut-off Current
(VEB=5V, IC=0mA)
---
0.1
µAdc
HFE(1)
DC Current Gain(VCE=5V, IC=2mA)
110
200
420
220
450
800
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=100mA, IB=5mA)
---
0.5
Vdc
VBE(sat)
Base-Emitter Saturation Voltage
(IC=100mA, IB=5mA)
---
1.1
Vdc
fT
Transition Frequency
(VCE=5V, IC=10mA, f=100MHz)
100
---
MHz
ElectricalCharacteristics@25 UnlessOtherwiseSpecified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
Note 1: Transistor mounted on an FR4 printed-circuit board
E
B
C
www.mccsemi.com
1 of 2
K
BC848,
BC848,
BC848,
BC848,
BC846A, 847A, 848A
BC846B, 847B, 848B
BC847C, BC848C
,849B
,BC849C
DEVICE MARKING
BC846A=1A,46A; BC846B=1B,46B;
BC847A=1E,47A; BC847B=1F,47B; BC847C=1G,47C;
BC848A=1J,48A; BC848B=1K,48B: BC848C=1L,48C
BC849B=49B; BC849C=49C;
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1


Numéro de pièce similaire - BC848B

FabricantNo de pièceFiches techniqueDescription
logo
General Semiconductor
BC848B GE-BC848B Datasheet
301Kb / 6P
   Small Signal Transistors (NPN)
logo
NXP Semiconductors
BC848B PHILIPS-BC848B Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Guangdong Youtai Semico...
BC848B UMW-BC848B Datasheet
439Kb / 3P
   TRANSISTOR (NPN)
logo
Taiwan Semiconductor Co...
BC848B TSC-BC848B Datasheet
126Kb / 3P
   0.2 Watts NPN Plastic-Encapsulate Transistors
logo
Central Semiconductor C...
BC848B CENTRAL-BC848B Datasheet
345Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results

Description similaire - BC848B

FabricantNo de pièceFiches techniqueDescription
logo
Bruckewell Technology L...
A42 BWTECH-A42 Datasheet
540Kb / 4P
   NPN Plastic-Encapsulate Transistors
S9014 BWTECH-S9014 Datasheet
327Kb / 4P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC2712-O MCC-2SC2712-O_13 Datasheet
277Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC2859-O MCC-2SC2859-O Datasheet
364Kb / 2P
   NPN Plastic-Encapsulate Transistors
logo
SHIKUES Electronics
2SC4177 SKTECHNOLGY-2SC4177 Datasheet
681Kb / 3P
   NPN Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT2222A MCC-MMDT2222A_13 Datasheet
282Kb / 5P
   NPN Plastic-Encapsulate Transistors
MMDT4401 MCC-MMDT4401_13 Datasheet
387Kb / 3P
   NPN Plastic-Encapsulate Transistors
PZTA42 MCC-PZTA42 Datasheet
643Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC4672-P MCC-2SC4672-P_13 Datasheet
654Kb / 3P
   NPN Plastic-Encapsulate Transistors
2SC1740S-Q MCC-2SC1740S-Q_13 Datasheet
381Kb / 2P
   NPN Plastic-Encapsulate Transistors
CXT5551 MCC-CXT5551_14 Datasheet
369Kb / 2P
   NPN Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com