Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CA04J17207DQ Fiches technique(PDF) 2 Page - C&K Components

No de pièce CA04J17207DQ
Description  Illuminated Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CA04J17207DQ Fiches technique(HTML) 2 Page - C&K Components

  CA04J17207DQ Datasheet HTML 1Page - C&K Components CA04J17207DQ Datasheet HTML 2Page - C&K Components CA04J17207DQ Datasheet HTML 3Page - C&K Components CA04J17207DQ Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CA Series
Illuminated Power Rocker Switches
SWITCH FUNCTION
DPST
OPEN
1-1A, 2-2A
OFF
ON
CA24
DP
SPST
OPEN
1-1A
OFF
ON
CA04
SP
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
SWITCH FUNCTION
POS. 1
POS. 2
MODEL
NO.
NO.
POLES
DPST
SPST
Part number shown: CA04J137207Q
Part number shown: CA24J137207Q
See CONTACT MATERIAL section, page G–112, for complete contact ratings and agency approvals.
Contacts make on side opposite actuator thrown.
All models
with all options.
1
1A
2
1A
1
2A
2
G–110
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
G


Numéro de pièce similaire - CA04J17207DQ

FabricantNo de pièceFiches techniqueDescription
C&K Components
C&K Components
CA04J1371-07-DQ CK-COMPONENTS-CA04J1371-07-DQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
CA04J1371-07-HQ CK-COMPONENTS-CA04J1371-07-HQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
CA04J1371-07-P-Q CK-COMPONENTS-CA04J1371-07-P-Q Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
ITT Industries
ITT Industries
CA04J137107DQ ITT-CA04J137107DQ Datasheet
259Kb / 4P
   Illuminated Power Rocker Switches
CA04J137107HQ ITT-CA04J137107HQ Datasheet
259Kb / 4P
   Illuminated Power Rocker Switches
More results

Description similaire - CA04J17207DQ

FabricantNo de pièceFiches techniqueDescription
ITT Industries
ITT Industries
CA04J137207Q ITT-CA04J137207Q Datasheet
259Kb / 4P
   Illuminated Power Rocker Switches
NTE Electronics
NTE Electronics
54-083 NTE-54-083 Datasheet
7Mb / 9P
   Illuminated Rocker Switches
C&K Components
C&K Components
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
   Miniature Illuminated Power Rocker Switches
ITT Industries
ITT Industries
DM14J72S205Q3 ITT-DM14J72S205Q3 Datasheet
300Kb / 4P
   Miniature Illuminated Power Rocker Switches
CW Industries
CW Industries
GRL-4021-0000 CWIND-GRL-4021-0000 Datasheet
179Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4022-0000 CWIND-GRL-4022-0000 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-0000 CWIND-GRL-4011-0000 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-1600 CWIND-GRL-4011-1600_19 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011B-0000 CWIND-GRL-4011B-0000_19 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4012-0000 CWIND-GRL-4012-0000 Datasheet
189Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
More results


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page


Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz