Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP2D000SZBE Fiches technique(PDF) 3 Page - C&K Components

No de pièce AP2D000SZBE
Description  Industrial Pushbutton Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

AP2D000SZBE Fiches technique(HTML) 3 Page - C&K Components

  AP2D000SZBE Datasheet HTML 1Page - C&K Components AP2D000SZBE Datasheet HTML 2Page - C&K Components AP2D000SZBE Datasheet HTML 3Page - C&K Components AP2D000SZBE Datasheet HTML 4Page - C&K Components AP2D000SZBE Datasheet HTML 5Page - C&K Components AP2D000SZBE Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
B
ø A
PANEL THICKNESS
DIM A (± 0.05 mm)
DIM B (± 0.05 mm)
1 mm
[0.039 in]
13.70 mm
[0.539 in]
13.00 mm
[0.512 in]
2 mm
[0.079 in]
13.80 mm
[0.539 in]
13.00 mm
[0.512 in]
3 mm
[0.118 in]
13.90 mm
[0.547 in]
13.10 mm
[0.516 in]
THREADED BODY
MIN PANEL THICKNESS 1 mm
13.70 mm
[0.539 in]
13.00 mm
[0.512 in]
PANEL CUTOUT
A 0.1mm min. chamfer on the leading edge of the mounting hole is recommended for snap-in version.
AP Series
Industrial Pushbutton Switch
ILLUMINATION
28,00
1.102
[]
20,25
0.797
[]
1,50
0.059
[]
7,74
0.305
[]
0,85
0.033
[]
16,25
0.640
[]
24,00
0.945
[]
1,50
0.059
[]
7,75
0.305
[]
0,85
0.033
[]
M13 X 1.25-6g
THREADED WITH
ILLUMINATION
SNAP-IN
NO ILLUMINATION
THREADED
NO ILLUMINATION
M13 X 1.25-6g
SNAP-IN
WITH ILLUMINATION
*LED FORWARD CURRENT: 20 mA
LED FORWARD VOLTAGE: see chart above
LED REVERSE VOLTAGE: 5.0 V MAX
* For information on specific and custom LED, please contact Customer Service.
NEW!
S SNAP-IN
T THREADED PLASTIC
BUSHING STYLE
07
LED Super Blue
08
LED Bi-Color – Amber (Green)
02
LED Bi-Color – Red (Green)
OPTION
CODE
ILLUMINATION
TYPE
00
Model without illumination
01
LED Super White
03
LED Red
05
LED Amber
06
LED Green
800
1,500
10
10
10
20
TYPICAL INTENSITY*
MIN
MAX
35
50
(mcd)
4,000
5,000
4
8
35
50
PEAK
WAVELENGTH
(nm)
N/A
700
610
585/565
565
N/A
470
635/565
N/A
Vf Forward Voltage
2.0
2.0
2.0
2.0
3.5
3.8
2.0
Third Angle
Projection
+ Anode
- Cathode
4
3
NOTE:
For bi-color LED’s the polarity must be reversed to alternate the color
A-112
A
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com


Numéro de pièce similaire - AP2D000SZBE

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AP2D000SZBE ETC2-AP2D000SZBE Datasheet
374Kb / 6P
   Industrial Pushbutton Switch
More results

Description similaire - AP2D000SZBE

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AP2D000SZBE ETC2-AP2D000SZBE Datasheet
374Kb / 6P
   Industrial Pushbutton Switch
logo
C&K Components
AP CK-COMPONENTS-AP_V02 Datasheet
1Mb / 10P
   Industrial Pushbutton Switch
28 Jul 21
AP CK-COMPONENTS-AP Datasheet
314Kb / 6P
   Industrial Pushbutton Switch
AP CK-COMPONENTS-AP_V01 Datasheet
1Mb / 10P
   Industrial Pushbutton Switch
2021
NP8S2T103QE CK-COMPONENTS-NP8S2T103QE Datasheet
721Kb / 7P
   Sealed Industrial Pushbutton Switch
NP CK-COMPONENTS-NP Datasheet
962Kb / 7P
   Sealed Industrial Pushbutton Switch
4 May 20
AP2D207SZBE CK-COMPONENTS-AP2D207SZBE Datasheet
340Kb / 6P
   AP Series Industrial Pushbutton Switch
logo
Omron Electronics LLC
A22LHW6A11M OMRON-A22LHW6A11M Datasheet
223Kb / 13P
   Pushbutton Switch
A22-6DG OMRON-A22-6DG Datasheet
223Kb / 13P
   Pushbutton Switch
A226AR OMRON-A226AR Datasheet
223Kb / 13P
   Pushbutton Switch
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com