Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAW56 Fiches technique(PDF) 2 Page - Micro Commercial Components

No de pièce BAW56
Description  350mW 75Volt Dual Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAW56 Fiches technique(HTML) 2 Page - Micro Commercial Components

  BAW56_11 Datasheet HTML 1Page - Micro Commercial Components BAW56_11 Datasheet HTML 2Page - Micro Commercial Components BAW56_11 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAW56
MCC
1
10
100
1000
10,000
0
100
200
T , JUNCTION TEMPERATURE (°C)
Fig. 2 Leakage Current vs Junction Temperature
j
V = 20V
R
10
1.0
100
1000
0.1
0.01
01
2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Forward Characteristics
F
www.mccsemi.com
Revision:
A
20
11/01/01
2 of 3


Numéro de pièce similaire - BAW56_11

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BAW56T116 ROHM-BAW56T116 Datasheet
56Kb / 4P
   Switching diode
More results

Description similaire - BAW56_11

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
BAW56 MCC-BAW56 Datasheet
79Kb / 2P
   350mW 75Volt Dual Switching Diode
logo
Shanghai Lunsure Electr...
BAW56 CHENYI-BAW56 Datasheet
52Kb / 2P
   350mw 75volt dual switching diode
logo
Micro Commercial Compon...
BAW56 MCC-BAW56_13 Datasheet
213Kb / 3P
   350mW 75Volt Dual Switching Diode
BAV99 MCC-BAV99 Datasheet
80Kb / 2P
   350mW 75Volt Dual Series Switching Diode
logo
Shanghai Lunsure Electr...
BAV99 CHENYI-BAV99 Datasheet
53Kb / 2P
   350mw 75volt dual series switching diode
logo
Micro Commercial Compon...
BAV99 MCC-BAV99_17 Datasheet
507Kb / 3P
   350mW 75Volt Dual Series Switching Diode
BAW156 MCC-BAW156_13 Datasheet
256Kb / 4P
   250mW 75Volt s Dual Switching Diode
MMBD7000 MCC-MMBD7000 Datasheet
80Kb / 2P
   350mW 100Volt Dual Switching Diode
logo
Shanghai Lunsure Electr...
MMBD7000 CHENYI-MMBD7000 Datasheet
45Kb / 2P
   350mW 100volts dual switching diode
logo
Micro Commercial Compon...
BAS16X MCC-BAS16X Datasheet
235Kb / 3P
   150mW 75Volt Switching Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com