Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV99 Fiches technique(PDF) 1 Page - Micro Commercial Components

No de pièce BAV99
Description  350mW 70Volt Dual Series Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV99 Fiches technique(HTML) 1 Page - Micro Commercial Components

  BAV99 Datasheet HTML 1Page - Micro Commercial Components BAV99 Datasheet HTML 2Page - Micro Commercial Components BAV99 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV99
350mW 7
0Volt
Dual Series
Switching Diode
SOT-23
Suggested Solder
Pad Layout
Features
Low Current Leakage
Low Cost
Small Outline Surface Mount Package
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
Maximum Thermal Resistance; 357K/W Junction To Ambient
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
A
B
C
D
E
F
G
H
J
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
C/A
AC
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision: A
2011/01/01
TM
Micro Commercial Components
1 of 3
Marking:A7/JG
K
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Reverse Voltage
VR
70V
Average Rectified
Output Current
Power Dissipation
PTOT
350mW
Peak Forward Surge
1.0A
t=1s,Non-Repetitive
Current
2.0A
715mV
IFM = 1mA;
VF *
855mV
IFM = 10mA;
1000mV
IFM = 50mA;
1250mV
IFM = 150mA;
2.5uA
VR=75Volts
TJ = 25°C
IR
50uA
VR=75Volts
TJ = 150°C
30uA
VR=25Volts
TJ = 150°C
Typical Junction
Measured at
Capacitance
1.0MHz, VR=0V
Reverse Recovery
Time
Trr
6nS
IF=10mA
RL=100
Maximum Instantaneous
Forward Voltage
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
CJ
2.0pF
IO
200mA
IFSM
t=1us,Non-Repetitive
, Irr=1mA
Lead Free Finish/Rohs Compliant ("P"Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Numéro de pièce similaire - BAV99

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
BAV99 PANJIT-BAV99 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Nanjing International G...
BAV99 DGNJDZ-BAV99 Datasheet
83Kb / 2P
   Fast switching in thick and thin-film circuits diode
logo
Diotech Company.
BAV99 DIOTECH-BAV99 Datasheet
977Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Youtai Semico...
BAV99 UMW-BAV99 Datasheet
850Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Shenzhen Luguang Electr...
BAV99 LUGUANG-BAV99 Datasheet
218Kb / 3P
   Dual Series Switching Diode
More results

Description similaire - BAV99

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
BAV99 MCC-BAV99_13 Datasheet
221Kb / 3P
   350mW 70Volt Dual Series Switching Diode
BAV99-TP MCC-BAV99-TP Datasheet
221Kb / 3P
   350mW 70Volt Dual Series Switching Diode
BAL99 MCC-BAL99 Datasheet
251Kb / 3P
   350mW 70Volt Switching Diode
BAL99 MCC-BAL99_13 Datasheet
302Kb / 3P
   350mW 70Volt Switching Diode
BAV99 MCC-BAV99 Datasheet
80Kb / 2P
   350mW 75Volt Dual Series Switching Diode
logo
Shanghai Lunsure Electr...
BAV99 CHENYI-BAV99 Datasheet
53Kb / 2P
   350mw 75volt dual series switching diode
logo
Micro Commercial Compon...
BAV99 MCC-BAV99_17 Datasheet
507Kb / 3P
   350mW 75Volt Dual Series Switching Diode
logo
Shanghai Lunsure Electr...
BAW56 CHENYI-BAW56 Datasheet
52Kb / 2P
   350mw 75volt dual switching diode
logo
Micro Commercial Compon...
BAW56 MCC-BAW56_13 Datasheet
213Kb / 3P
   350mW 75Volt Dual Switching Diode
BAW56 MCC-BAW56 Datasheet
79Kb / 2P
   350mW 75Volt Dual Switching Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com