Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV70WT Fiches technique(PDF) 2 Page - Micro Commercial Components

No de pièce BAV70WT
Description  200mW Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV70WT Fiches technique(HTML) 2 Page - Micro Commercial Components

  BAV70WT_11 Datasheet HTML 1Page - Micro Commercial Components BAV70WT_11 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 2
3
Device
Packing
Part Number-TP
Tape&Reel: 3Kpcs/Reel
Ordering Information :
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.


Numéro de pièce similaire - BAV70WT_11

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
BAV70WT MCC-BAV70WT_13 Datasheet
231Kb / 2P
   200mW Switching Diode
BAV70WT_1309 MCC-BAV70WT_1309 Datasheet
234Kb / 2P
   200mW Switching Diode
More results

Description similaire - BAV70WT_11

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
BAS19WT MCC-BAS19WT_11 Datasheet
157Kb / 2P
   200mW Switching Diode
BAS16WT MCC-BAS16WT_13 Datasheet
191Kb / 2P
   200mW Switching Diode
BAS16WT MCC-BAS16WT_11 Datasheet
156Kb / 2P
   200mW Switching Diode
BAV70WT_1309 MCC-BAV70WT_1309 Datasheet
234Kb / 2P
   200mW Switching Diode
BAW56WT MCC-BAW56WT Datasheet
378Kb / 2P
   200mW Switching Diode
BAV70WT MCC-BAV70WT_13 Datasheet
231Kb / 2P
   200mW Switching Diode
BAS19WT MCC-BAS19WT Datasheet
341Kb / 2P
   200mW Switching Diode
BAW56WT MCC-BAW56WT_11 Datasheet
185Kb / 2P
   200mW Switching Diode
BAS16TW MCC-BAS16TW Datasheet
178Kb / 2P
   200mW Switching Diode
BAS19WT MCC-BAS19WT_13 Datasheet
201Kb / 2P
   200mW Switching Diode
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com