Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV19W Fiches technique(PDF) 1 Page - Micro Commercial Components

No de pièce BAV19W
Description  410mW Small Signal Diodes 120 to 250 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV19W Fiches technique(HTML) 1 Page - Micro Commercial Components

  BAV19W_11 Datasheet HTML 1Page - Micro Commercial Components BAV19W_11 Datasheet HTML 2Page - Micro Commercial Components BAV19W_11 Datasheet HTML 3Page - Micro Commercial Components BAV19W_11 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV19W
THRU
BAV21W
410mW
Small Signal
Diodes
120 to 250 Volts
Features
Silicon Epitaxial Planar Diodes
For General Purpose
This diode is also available in other case.
Mechanical Data
Marking code:
BAV19W=A8
BAV20W=T2 or A80
BAV21W=T3 or A82
Maximum Ratings
Symbol
Rating
Rating
Unit
VR
Continuous Reverse Voltage
BAV19W
BAV20W
BAV21W
100
150
200
V
VRRM
Repetitive Peak Reverse Voltage BAV19W
BAV20W
BAV21W
120
200
250
V
IF
Forward DC Current at Tamb=25
OC(1)
250
mA
IF(AV)
Rectified Current (Average) Half Wave
Rectification with Resist. Load at
Tamb=25
OC(1)
200
mA
IFRM
Repetitive Peak Forward Current at f>50Hz,
Tamb=25
OC(1)
625
mA
IFSM
Surge Forward Current at t<1s, Tj=25
OC
1.0
A
Ptot
Power Dissipation at Tamb=25
OC(1)
410
mW
RJA
Thermal Resistance Junction to Ambient Air
305
TJ
Junction Temperature
-55 to +150
OC
TSTG
Storage Temperature
-55 to +150
OC
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
VF
Forward Voltage
(IF=100mA)
(IF=200mA)
---
---
---
---
1.00
1.25
V
IR
Leakage Current
(VR=100V)
BAV19W
(VR=100V, Tj=100
OC)
BAV19W
(VR=150V)
BAV20W
(VR=150V, Tj=100
OC)
BAV20W
(VR=200V)
BAV21W
(VR=200V, Tj=100
OC)
BAV21W
---
---
---
---
---
---
---
---
---
---
---
---
100
15
100
15
100
15
nA
uA
nA
uA
nA
uA
rf
Dynamic Forward Resistance
(IF=10mA)
---
5.0
---
OHM
Ctot
Capacitance
(VR=0, f=1.0MHz)
---
1.5
---
pF
trr
Reverse Recovery Time
(IF=30mA, IR=30mA)
(Irr=3.0mA, RL=100OHMS)
---
---
50
ns
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
-----
.053
-----
1.35
E
.012
.031
0.30
.78
G
.006
-----
0.15
-----
H
-----
.01
-----
.25
J
-----
.006
-----
.15
0.036”
0.093"
0.048”
SUGGESTED SOLDER
PAD LAYOUT
A
B
E
C
J
D
H
G
SOD123
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%  !"#
MCC
www.mccsemi.com
Revision: B
2011/08/25
TM
Micro Commercial Components
1 of 4
Lead Free Finish/RoHS Compliant ("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
1. Valid provided that leads are kept at ambient temperature
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
OC/W


Numéro de pièce similaire - BAV19W_11

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAV19W DIODES-BAV19W_10 Datasheet
79Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
DS12024 Rev. 20- 2
logo
Taiwan Semiconductor Co...
BAV19W TSC-BAV19W_10 Datasheet
213Kb / 3P
   410mW High Voltage SMD Switching Diode
logo
Micro Commercial Compon...
BAV19W MCC-BAV19W_13 Datasheet
332Kb / 4P
   410mW Small Signal Diodes 120 to 250 Volts
logo
SHENZHEN YONGERJIA INDU...
BAV19W WINNERJOIN-BAV19W_15 Datasheet
115Kb / 2P
   SOD-123
logo
Diodes Incorporated
BAV19W DIODES-BAV19W_15 Datasheet
127Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
More results

Description similaire - BAV19W_11

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
BAV19W MCC-BAV19W_13 Datasheet
332Kb / 4P
   410mW Small Signal Diodes 120 to 250 Volts
BAV21W-TP MCC-BAV21W-TP Datasheet
332Kb / 4P
   410mW Small Signal Diodes 120 to 250 Volts
BAV19W MCC-BAV19W Datasheet
163Kb / 3P
   410mW Small Signal Diodes 120 to 250 Volts
BAV19WS MCC-BAV19WS_16 Datasheet
264Kb / 4P
   250mW Small Signal Diodes 120 to 250 Volts
BAV19 MCC-BAV19 Datasheet
277Kb / 4P
   500mW Small Signal Diodes 120 to 250 Volts
BAV19WS MCC-BAV19WS Datasheet
253Kb / 4P
   250mW Small Signal Diodes 120 to 250 Volts
BAV19WS MCC-BAV19WS_13 Datasheet
273Kb / 4P
   250mW Small Signal Diodes 120 to 250 Volts
BAV19 MCC-BAV19_12 Datasheet
287Kb / 4P
   500mW Small Signal Diodes 120 to 250 Volts
logo
Rectron Semiconductor
BAV19WS RECTRON-BAV19WS Datasheet
141Kb / 3P
   SMALL SIGNAL DIODE VOLTAGE RANGE 120 to 250 Volts CURRENT 200 mAmpere
logo
ON Semiconductor
BS107 ONSEMI-BS107_07 Datasheet
71Kb / 4P
   Small Signal MOSFET 250 mAmps, 200 Volts
October, 2007 - Rev. 5
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com