Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT43 Fiches technique(PDF) 4 Page - Micro Commercial Components

No de pièce BAT43
Description  200 Milliamp Small Signal Schottky Diode 30 Volt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT43 Fiches technique(HTML) 4 Page - Micro Commercial Components

  BAT43 Datasheet HTML 1Page - Micro Commercial Components BAT43 Datasheet HTML 2Page - Micro Commercial Components BAT43 Datasheet HTML 3Page - Micro Commercial Components BAT43 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
4 of 4
Device
Packing
Part Number-TP
Tape&Reel: 10Kpcs/Reel
Part Number-AP
Ammo Packing: 5Kpcs/Ammo Box
Part Number-BP
Bulk: 100Kpcs/Carton
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.
Ordering Information :


Numéro de pièce similaire - BAT43

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BAT43 STMICROELECTRONICS-BAT43 Datasheet
89Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Rectron Semiconductor
BAT43 RECTRON-BAT43 Datasheet
123Kb / 2P
   SILICON PLANAR SCHOTTKY DIODES
logo
Vishay Siliconix
BAT43 VISHAY-BAT43 Datasheet
89Kb / 4P
   Small Signal Schottky Diode
01-Jan-2022
logo
Diodes Incorporated
BAT43 DIODES-BAT43 Datasheet
50Kb / 1P
   SCHOTTKY BARRIER SWITCHING DIODE
DS11001 Rev. G-2
logo
EIC discrete Semiconduc...
BAT43 EIC-BAT43 Datasheet
55Kb / 2P
   SCHOTTKY BARRIER DIODES
More results

Description similaire - BAT43

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
BAT42 MCC-BAT42_12 Datasheet
252Kb / 4P
   200 Milliamp Small Signal Schottky Diode 30 Volt
BAT45 MCC-BAT45_12 Datasheet
368Kb / 3P
   30 Milliamp Small Signal Schottky Diode 15 Volt
logo
Shanghai Lunsure Electr...
BAT42 CHENYI-BAT42 Datasheet
134Kb / 3P
   200 Milliamp small signal schottky diode 30volt
BAT45 CHENYI-BAT45 Datasheet
99Kb / 2P
   30 Milliamp small signal schottky diode 15volt
logo
Micro Commercial Compon...
BAT45 MCC-BAT45 Datasheet
603Kb / 3P
   30Milliamp Small Signal Schottky Diode 15 Volt
logo
SeCoS Halbleitertechnol...
SCS715T SECOS-SCS715T Datasheet
126Kb / 2P
   30 mA, 40 V Small Signal Schottky Diode
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com