Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS40DW-04 Fiches technique(PDF) 1 Page - Micro Commercial Components

No de pièce BAS40DW-04
Description  200mW SCHOTTKY BARRIER Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS40DW-04 Fiches technique(HTML) 1 Page - Micro Commercial Components

  BAS40DW-04 Datasheet HTML 1Page - Micro Commercial Components BAS40DW-04 Datasheet HTML 2Page - Micro Commercial Components BAS40DW-04 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAS40TW/DW-04/
200mW
SCHOTTKY BARRIER
Features
Fast Switching
Low Forward Voltage Drop
Low Power Dissipation
Ultra-Small Surface Mount Package
Maximum Ratings
Symbol
Rating
Rating
Unit
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
40
V
Io
Average Rectified Output Current
200
mA
R©JA
Thermal Resistance Junction to Ambient
625
/W
PD
Power dissipation
200
mW
TJ
Junction Temperature
-55 to +125------------
TSTG
Storage Temperature
-65 to +125
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Test Conditions
IR
Reverse Voltage Leakage
Current
---
200nA
VR=30V
VF
Forward Voltage
---
---
0.38V
1.0V
IF=1mA
IF=40mA
CT
Total Capacitance
---
5pF
VR=0V, f=1MHZ
trr
Reverse Recovery Time
---
5.0ns
IF=10mA,IR=IF=1mA
RL=100
Revision: A
2011/01/01
SOT-363
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.006
.014
0.15
0.35
B
.045
.053
1.15
1.35
C
.085
.096
2.15
2.45
D
.026
0.65Nominal
G
.047
.055
1.20
1.40
H
.071
.087
1.80
2.20
J
---
.004
---
0.10
K
.035
.043
0.90
1.10
L
.010
.018
0.26
0.46
M
.003
.006
0.08
0.15
J
M
A
C
B
G
H
K
D
L
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
DW-05 /DW-06 /BRW
DIMENSIONS
Diode
I R=10
µA
V(BR)
Reverse breakdown voltage
40V
-----
BAS40DW-05
Marking: K45
BAS40TW
Marking: K43
BAS40DW-04
Marking: K44
A
1
A
2
C
2
C
1
C
2
C
1
BAS40DW-06
Marking: K461
C
1
C
2
A
2
A
1
A
2
A
1
AC
1
AC
2
C
2
A
1
A
2
C
1
AC
1
AC
2
C
1
A
1
C
2
A
2
C
1
A
3
C
2
A
1
C
3
A
2
BAS40BRW
Marking: K47
www.mccsemi.com
1 of 3
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


Numéro de pièce similaire - BAS40DW-04

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAS40DW-04 DIODES-BAS40DW-04 Datasheet
83Kb / 4P
   Sub-miniature Schottky Diodes & Arrays in
BAS40DW-04 DIODES-BAS40DW-04 Datasheet
47Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30156 Rev. D-1
BAS40DW-04 DIODES-BAS40DW-04 Datasheet
80Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30156 Rev. 10 - 2
logo
Nanjing International G...
BAS40DW-04 DGNJDZ-BAS40DW-04 Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Diodes
logo
Diodes Incorporated
BAS40DW-04-7-F DIODES-BAS40DW-04-7-F Datasheet
80Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30156 Rev. 10 - 2
More results

Description similaire - BAS40DW-04

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
BAS70TW MCC-BAS70TW Datasheet
196Kb / 3P
   200mW SCHOTTKY BARRIER Diode
BAT46WS MCC-BAT46WS Datasheet
306Kb / 3P
   Schottky Barrier Diode 200mW
BAT42WS MCC-BAT42WS Datasheet
209Kb / 2P
   Schottky Barrier Diode 200mW
SD103ATW MCC-SD103ATW_13 Datasheet
181Kb / 3P
   200mW SCHOTTKY BARRIER DIODE
BAS70TW MCC-BAS70TW_13 Datasheet
217Kb / 3P
   200mW SCHOTTKY BARRIER Diode
BAT42WS MCC-BAT42WS_14 Datasheet
347Kb / 3P
   Schottky Barrier Diode 200mW
SD103ATW MCC-SD103ATW Datasheet
219Kb / 3P
   200mW SCHOTTKY BARRIER DIODE
BAS40TW MCC-BAS40TW_14 Datasheet
320Kb / 3P
   200mW 40Volt Schottky Barrier Diode
BAS40TW-TP MCC-BAS40TW-TP Datasheet
255Kb / 3P
   200mW 40Volt Schottky Barrier Diode
logo
Shanghai Lunsure Electr...
BAT42WS CHENYI-BAT42WS Datasheet
51Kb / 1P
   Schottky barrier switching diode 200mw
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com