Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS40DW-05 Fiches technique(PDF) 2 Page - Micro Commercial Components

No de pièce BAS40DW-05
Description  200mW SCHOTTKY BARRIER Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS40DW-05 Fiches technique(HTML) 2 Page - Micro Commercial Components

  BAS40DW-05 Datasheet HTML 1Page - Micro Commercial Components BAS40DW-05 Datasheet HTML 2Page - Micro Commercial Components BAS40DW-05 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAS40TW/DW-04/DW-05/DW-06/BRW
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
0
100
200
T , AMBIENT TEMPERATURE (ºC)
A
Fig. 4 Power Derating Curve, Total Package
0
50
100
150
200
250
0
1
3
2
0
10
20
40
30
V , REVERSE VOLTAGE (V)
R
Fig.3 Typical Capacitance
f = 1.0MHz
0.1
1
10
100
1000
10000
0
10
20
30
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
R
Fig. 2 Typical Reverse Characteristics
T = -40ºC
A
T = 25ºC
A
T = 75ºC
A
T = 125ºC
A
T= 0ºC
A
0.01
0.1
1
0.001
0.0001
0
1.0
0.6
0.8
0.4
0.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig. 1 Typical Forward Voltage
T = -40ºC
A
T = 125ºC
A
T = 75ºC
A
T = 25ºC
A
T = 0ºC
A
www.mccsemi.com
2 of 3


Numéro de pièce similaire - BAS40DW-05

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAS40DW-05 DIODES-BAS40DW-05 Datasheet
83Kb / 4P
   Sub-miniature Schottky Diodes & Arrays in
BAS40DW-05 DIODES-BAS40DW-05 Datasheet
47Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30156 Rev. D-1
BAS40DW-05 DIODES-BAS40DW-05 Datasheet
80Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30156 Rev. 10 - 2
logo
Nanjing International G...
BAS40DW-05 DGNJDZ-BAS40DW-05 Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Diodes
logo
Diodes Incorporated
BAS40DW-05-7-F DIODES-BAS40DW-05-7-F Datasheet
80Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30156 Rev. 10 - 2
More results

Description similaire - BAS40DW-05

FabricantNo de pièceFiches techniqueDescription
logo
Micro Commercial Compon...
BAS70TW MCC-BAS70TW Datasheet
196Kb / 3P
   200mW SCHOTTKY BARRIER Diode
BAT46WS MCC-BAT46WS Datasheet
306Kb / 3P
   Schottky Barrier Diode 200mW
BAT42WS MCC-BAT42WS Datasheet
209Kb / 2P
   Schottky Barrier Diode 200mW
SD103ATW MCC-SD103ATW_13 Datasheet
181Kb / 3P
   200mW SCHOTTKY BARRIER DIODE
BAS70TW MCC-BAS70TW_13 Datasheet
217Kb / 3P
   200mW SCHOTTKY BARRIER Diode
BAT42WS MCC-BAT42WS_14 Datasheet
347Kb / 3P
   Schottky Barrier Diode 200mW
SD103ATW MCC-SD103ATW Datasheet
219Kb / 3P
   200mW SCHOTTKY BARRIER DIODE
BAS40TW MCC-BAS40TW_14 Datasheet
320Kb / 3P
   200mW 40Volt Schottky Barrier Diode
BAS40TW-TP MCC-BAS40TW-TP Datasheet
255Kb / 3P
   200mW 40Volt Schottky Barrier Diode
logo
Shanghai Lunsure Electr...
BAT42WS CHENYI-BAT42WS Datasheet
51Kb / 1P
   Schottky barrier switching diode 200mw
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com