Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2901MX Fiches technique(PDF) 6 Page - Rohm

No de pièce LM2901MX
Description  NOW SERIES Comparators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

LM2901MX Fiches technique(HTML) 6 Page - Rohm

Back Button LM2901MX Datasheet HTML 2Page - Rohm LM2901MX Datasheet HTML 3Page - Rohm LM2901MX Datasheet HTML 4Page - Rohm LM2901MX Datasheet HTML 5Page - Rohm LM2901MX Datasheet HTML 6Page - Rohm LM2901MX Datasheet HTML 7Page - Rohm LM2901MX Datasheet HTML 8Page - Rohm LM2901MX Datasheet HTML 9Page - Rohm LM2901MX Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Technical Note
6/16
LM393MX,LM2903MX,LM339MX,LM2901MX
www.rohm.com
2011.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
0
200
400
600
800
1000
0
25
50
75
100
125
AMBIENT TEMPERATURE [℃] .
Reference Data LM339 family
-8
-6
-4
-2
0
2
4
6
8
0
1020
3040
SUPPLY VOLTAGE [V]
Low Level Output Voltage
– Output Sink Current
(VCC=5[V])
0
0.2
0.4
0.6
0.8
1
0
10
203040
SUPPLY VOLTAGE [V]
Output Sink Current – Ambient Temperature
(VOUT=1.5[V])
Output Saturation Voltage
– Ambient Temperature
(IOL=4[mA])
Output Saturation Voltage
– Supply Voltage
(IOL=4[mA])
Supply Current – Supply Voltage
0
100
200
300
400
500
0
1020
30
4050
607080
AMBIENT TEMPERATURE [℃]
0
0.2
0.4
0.6
0.8
1
0
10
203040
506070
80
AMBIENT TEMPER ATURE [℃]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
2
4
6
8
10 1214 1618 20
OUTPUT SINK CURRENT [mA]
LM 339 family
2V
36V
5V
-50
-40
-30
-20
-10
0
10
20
30
40
50
010
20
30
40
SUPPLY VOLTAGE [V]
70℃
25℃
0℃
LM 339 family
Input Offset Current – Supply Voltage
0
20
40
60
80
100
120
140
160
010
20
30
40
SUPPLY VOLTAGE [V]
LM 339 family
Input Bias Current – Supply Voltage
0℃
25℃
70℃
0
20
40
60
80
100
120
140
160
0
10
2030
4050
6070
80
AMBIENT TEMPERATURE [℃]
Input Bias Current – Ambient Temperature
2V
5V
36V
LM 339 family
-8
-6
-4
-2
0
2
4
6
8
0
10
2030
40
5060
70
80
AMBIENT TEMPERATURE [℃]
Input Offset Voltage – Ambient Temperature
2V
5V
36V
LM 339 family
Supply Current – Ambient Temperature
5V
Input Offset Voltage – Supply Voltage
0℃
25℃
70℃
LM 339 family
LM 339 family
0℃
25℃
70℃
0
10
20
30
40
0
10
203040
50607080
AMBIEN TTEMPERATURE [℃]
36V
5V
2V
LM 339 family
LM339MX
Derating Curve
LM 339 family
25℃
70℃
0℃
0
100
200
300
400
500
0
1020
3040
SUPPLY VOLTAGE [V]
LM 339 family
0℃
25℃
70℃
Fig.21
Fig.22
Fig. 23
Fig.24
Fig. 25
Fig. 26
Fig. 27
Fig. 28
Fig. 29
Fig. 30
Fig. 31
Fig. 32
(*)The data above is ability value of sample, it is not guaranteed. LM339family:0[℃]~+70[℃]
70
36V
2V
LM 339 family
LM 339 family


Numéro de pièce similaire - LM2901MX

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2901MX NSC-LM2901MX Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
logo
Fairchild Semiconductor
LM2901MX FAIRCHILD-LM2901MX Datasheet
86Kb / 8P
   Quad Comparator
logo
Texas Instruments
LM2901MX TI1-LM2901MX Datasheet
2Mb / 28P
[Old version datasheet]   Low-Power Low-Offset Voltage Quad Comparators
LM2901MX TI1-LM2901MX Datasheet
2Mb / 28P
[Old version datasheet]   Low-Power Low-Offset Voltage Quad Comparators
LM2901MX/NOPB TI1-LM2901MX/NOPB Datasheet
2Mb / 28P
[Old version datasheet]   Low-Power Low-Offset Voltage Quad Comparators
More results

Description similaire - LM2901MX

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
LM358MX ROHM-LM358MX_11 Datasheet
730Kb / 18P
   NOW SERIES Operational Amplifiers
2011.06 - Rev.C
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
logo
Murata Manufacturing Co...
WSN802GCA MURATA-WSN802GCA Datasheet
1Mb / 6P
   RFMProducts are now Murata Products
logo
Rohm
LM393DR ROHM-LM393DR Datasheet
463Kb / 18P
   TROPHY SERIES Comparators
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
logo
Murata Manufacturing Co...
TR3000 MURATA-TR3000 Datasheet
600Kb / 12P
   RFM products are now Murata products
TX6004 MURATA-TX6004 Datasheet
207Kb / 6P
   RFM products are now Murata products
DR-TRC105 MURATA-DR-TRC105 Datasheet
712Kb / 1P
   RFM products are now Murata products
WSN802G MURATA-WSN802G Datasheet
1Mb / 7P
   RFM Products are now Murata products
logo
ON Semiconductor
NCS2200 ONSEMI-NCS2200_18 Datasheet
140Kb / 18P
   Comparators
March, 2018 ??Rev. 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com