Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2904PR Fiches technique(PDF) 3 Page - Rohm

No de pièce LM2904PR
Description  SIGNATURE SERIES Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

LM2904PR Fiches technique(HTML) 3 Page - Rohm

  LM2904PR Datasheet HTML 1Page - Rohm LM2904PR Datasheet HTML 2Page - Rohm LM2904PR Datasheet HTML 3Page - Rohm LM2904PR Datasheet HTML 4Page - Rohm LM2904PR Datasheet HTML 5Page - Rohm LM2904PR Datasheet HTML 6Page - Rohm LM2904PR Datasheet HTML 7Page - Rohm LM2904PR Datasheet HTML 8Page - Rohm LM2904PR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Technical Note
3/17
LM358DT/PT/ST/WDT/WPT,LM2904DT/PT/ST/WDT/WPT
LM324DT/PT/WDT,LM2902DT/PT/WDT
www.rohm.com
2011.06 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
LM2904,LM2902 family(Unless otherwise specified, Vcc+=+5[V], Vcc-=0[V])
Parameter
Symbol
Temperature
range
Limit
Unit
Conditions
Fig.
No
LM2904 family
LM2902 family
Min.
Typ.
Max.
Min.
Typ.
Max.
Input Offset Voltage (*3)
VIO
25℃
2
7
2
7
mV
VO=1.4[V]
98
Full range
9
9
Input Offset Current (*3)
IIO
25℃
2
50
2
30
nA
VO=1.4[V]
98
Full range
200
200
Input Bias Current (*3)
IIB
25℃
20
150
20
150
nA
VO=1.4[V]
98
Full range
200
300
Large Signal Voltage Gain
AVD
25℃
25
100
25
100
V/mV
Vcc
+=15[V]
VO=1.4[V] to 11.4[V]
RL=2[kΩ]
98
Supply Voltage Rejection Ratio
SVR
25℃
65
100
65
110
dB
RS≦10[kΩ]
99
Full range
65
65
Supply Current (All Amp)
ICC
25℃
0.7
1.2
0.7
1.2
mA
Vcc
+=5[V],No Lord
99
25℃
1.5
3
Vcc
+=30[V],No Lord
Full range
2
0.8
1.2
Vcc
+=5[V],No Lord
Full range
1.5
3
Vcc
+=30[V],No Lord
Input Common-mode Voltage Range
VICM
25℃
Vcc
+-1.5
Vcc
+-1.5
V
Vcc
+=30[V]
98
Full range
Vcc
+-2.0
Vcc
+-2.0
Common-mode Rejection Ratio
CMR
25℃
70
85
70
80
dB
RS=10[kΩ]
98
Full range
60
60
Output Short Circuit Current (*4)
Isource
25℃
20
40
60
20
40
70
mA
Vcc
+=+15[V],VO=+2[V]
VID=+1[V]
98
Output Sink Current (*4)
Isink
25℃
10
20
10
20
mA
VO=2[V],Vcc
+=+5[V]
VID=-1[V]
99
12
50
12
50
μA
VO=+0.2[V],
Vcc
+=+15[V] ,VID=-1[V]
Output Voltage Swing
Vopp
25℃
0
Vcc
+-1.5
V
RL=2[kΩ]
99
Full range
0
Vcc
+-2.0
High Level Output Voltage
VOH
25℃
27
27
28
V
Vcc
+=30[V],RL=10[kΩ]
99
Full range
27
28
27
Vcc
+=30[V],RL=10[kΩ]
Low Level Output Voltage
VOL
25℃
5
20
5
20
mV
RL=10[kΩ]
99
Full range
20
20
Slew Rate
SR
25℃
0.6
0.4
V/μs
RL=2[kΩ],CL=100[pF],
Unity Gain
VI=0.5[V] to 3[V]
Vcc
+=1.5[V]
99
Gain Bandwidth Product
GBP
25℃
1.1
1.3
MHz
Vcc
+=30[V],RL=2[kΩ]
CL=100[pF]
VIN=10[mV]
99
Total Harmonic Distortion
THD
25℃
0.02
0.015
f=1[kHz],AV=20[dB]
RL=2[kΩ]
CL=100[pF],
Vcc
+=30[V],VO=2[Vpp]
99
Input Equivalent Noise Voltage
en
25℃
40
Hz
nV/
f=1[kHz],RS=100[Ω]
Vcc
+=30[V]
99
Input Offset Voltage Drift
DVIO
7
7
μV/℃
-
Input Offset Current Drift
DIIO
10
10
pA/℃
-
Channel Separation
VO1/VO2
25℃
120
120
dB
1[kHz]≦f≦20[kHz]
99
(*3) Absolute value
(*4) Under high temperatures, please consider the power dissipation when selecting the output current.
When the output terminal is continuously shorted the output current reduces the internal temperature by flushing.


Numéro de pièce similaire - LM2904PR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM2904P TI-LM2904P Datasheet
452Kb / 20P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904P TI1-LM2904P Datasheet
1Mb / 47P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
LM2904P TI-LM2904P Datasheet
459Kb / 20P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904P TI1-LM2904P Datasheet
2Mb / 48P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
LM2904P TI1-LM2904P Datasheet
1Mb / 30P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results

Description similaire - LM2904PR

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
LM393DT ROHM-LM393DT_11 Datasheet
422Kb / 18P
   SIGNATURE SERIES Comparators
LM393DT ROHM-LM393DT_15 Datasheet
866Kb / 38P
   SIGNATURE SERIES Comparators
LM358DR ROHM-LM358DR Datasheet
797Kb / 18P
   TROPHY SERIES Operational Amplifiers
2011.06 - Rev.B
LM358MX ROHM-LM358MX_11 Datasheet
730Kb / 18P
   NOW SERIES Operational Amplifiers
2011.06 - Rev.C
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com