Moteur de recherche de fiches techniques de composants électroniques |
|
LM2902DR Fiches technique(PDF) 8 Page - Rohm |
|
LM2902DR Fiches technique(HTML) 8 Page - Rohm |
8 / 18 page Technical Note 8/17 LM358DT/PT/ST/WDT/WPT,LM2904DT/PT/ST/WDT/WPT LM324DT/PT/WDT,LM2902DT/PT/WDT www.rohm.com 2011.06 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ● Reference Data LM2904 family (*)The data above is ability value of sample, it is not guaranteed. 0.0 0.2 0.4 0.6 0.8 1.0 0 1020 3040 SUPPLY VOLTAGE [V] 0.0 0.2 0.4 0.6 0.8 1.0 -50 -25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE [℃] 0 200 400 600 800 0 25 50 75 100 125 150 AMBIENT TEMPERATURE : Ta [℃] 0 10 20 30 40 010 20 30 40 SUPPLY VOLTAGE [V] 0 1 2 3 4 5 -50 -25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE [℃] 0 10 20 30 40 50 01234 5 OUTPUT VOLTAGE [V] 0 10 20 30 40 50 60 70 80 0 5 10 15 20 25 30 35 SUPPLY VOLTAGE [V] 0 10 20 30 40 50 60 70 80 -50 -25 0 255075 100 125 150 AMBIENT TEMPERATURE [℃] -8 -6 -4 -2 0 2 4 6 8 0 5 10 15 20 25 30 35 SUPPLY VOLTAGE [V] 0 10 20 30 40 50 -50 -25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE [℃] 0.001 0.01 0.1 1 10 100 0 0.4 0.8 1.2 1.6 2 OUTPUT VOLTAGE [V] 0 10 20 30 -50 -25 0 25 50 75 100 125 150 AMBIENT TEMPERATURE [℃] 25℃ 25℃ 125℃ Supply Current – Supply Voltage - 40℃ Supply Current – Ambient Temperature 3V 32V 5V Derating Curve Maximum Output Voltage – Supply Voltage (RL=10[kΩ]) -40℃ Maximum Output Voltage – Ambient Temperature (VCC=5[V],RL=2[kΩ]) Output Source Current – Output Voltage (VCC=5[V]) -40℃ 25℃ 105℃ Output Source Current – Ambient Temperature (VOUT=0[V]) 15V 3V 5V Output Sink Current – Output Voltage (VCC=5[V]) -40℃ 25℃ 105℃ Output Sink Current – Ambient Temperature (VOUT=VCC) 3V 5V 15V Low Level Sink Current - Supply Voltage (VOUT=0.2[V]) -40℃ 125℃ 25℃ Low Level Sink Current - Ambient Temperature (VOUT=0.2[V]) 32V 5V 3V Input Offset Voltage - Supply Voltage (Vicm=0[V], VOUT=1.4[V]) -40℃ 25℃ 125℃ LM2904 family 125℃ 105℃ 105℃ 125℃ 105℃ 125℃ 105℃ LM2904 family LM2904 family LM2904 family LM2904 family LM2904 family LM2904 family LM2904 family LM2904 family LM2904 family Fig. 49 Fig. 50 Fig. 51 Fig. 52 Fig. 53 Fig. 54 Fig. 55 Fig. 56 Fig. 57 Fig. 58 Fig. 59 Fig. 60 LM2904 family LM2904 family LM2904PT LM2904WPT LM2904ST LM2904DT LM2904WDT [℃] |
Numéro de pièce similaire - LM2902DR |
|
Description similaire - LM2902DR |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |