Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB-302VF Fiches technique(PDF) 3 Page - Rohm

No de pièce LB-302VF
Description  High efficiency, two-digit numeric displays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

LB-302VF Fiches technique(HTML) 3 Page - Rohm

  LB-302VF Datasheet HTML 1Page - Rohm LB-302VF Datasheet HTML 2Page - Rohm LB-302VF Datasheet HTML 3Page - Rohm LB-302VF Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/3
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.04 - Rev.B
Data Sheet
LB-302FP Series
Electrical and optical characteristic curves
Fig.1 Forward Current - Forward Voltage
LB-302MF
LB-302MP
LB-302VF
LB-302VP
0.1
1
10
100
1
1.5
2
2.5
3
Ta=25
°C
Forward Voltage:VF(V)
Fig.2 Relative Luminous Intensity - Forward Current
0.01
0.10
1.00
10.00
1
10
100
Forward Current:IF(mA)
Ta=25
°C
Fig.3 Relative Luminous Intensity - Case Temperature
0.4
0.6
1.2
1.4
1.6
Case Temparature (
°C)
IF=10mA
-25 -15 -5
5
15
25 35 45 55 65
75
0.8
1
Fig.4 Ratio of Maximum Tolerable Peak Current - Pulse Duration (
Ι )
LB-302MF
LB-302MP
1
10
100
1000
10000
100000
Pulse Duration : tw(µs)
1
10
Fig.5 Ratio of Maximum Tolerable Peak Current - Pulse Duration (
ΙΙ )
1
10
1
10
100
1000
10000
Pulse Duration : tw(µs)
LB-302VF
LB-302VP
Fig.6 Derating
0%
20%
40%
60%
80%
100%
120%
Ambient Temperature(
°C)
-25 -15 -5
5
15 25 35 45 55 65 75 85


Numéro de pièce similaire - LB-302VF

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
LB-302VF ROHM-LB-302VF Datasheet
70Kb / 3P
   High efficiency, two-digit numeric displays
LB-302VF ROHM-LB-302VF Datasheet
395Kb / 5P
   High efficiency, two-digit numeric displays
More results

Description similaire - LB-302VF

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
LB-302FP ROHM-LB-302FP Datasheet
58Kb / 2P
   High efficiency, two-digit numeric displays
LB-502DN ROHM-LB-502DN_17 Datasheet
350Kb / 5P
   High efficiency, two-digit numeric displays
LB-502DN ROHM-LB-502DN Datasheet
61Kb / 2P
   High efficiency, two-digit numeric displays
LB-602VK2 ROHM-LB-602VK2 Datasheet
62Kb / 2P
   High efficiency, two-digit numeric displays
LB-402DN ROHM-LB-402DN_1 Datasheet
51Kb / 3P
   High efficiency, two-digit numeric displays
LB-302FP ROHM-LB-302FP_1 Datasheet
70Kb / 3P
   High efficiency, two-digit numeric displays
LB-202BL ROHM-LB-202BL Datasheet
60Kb / 2P
   High efficiency, two-digit numeric displays
LB-402FP ROHM-LB-402FP Datasheet
58Kb / 2P
   High efficiency, two-digit numeric displays
LB-602AK2 ROHM-LB-602AK2 Datasheet
60Kb / 2P
   High efficiency, two-digit numeric displays
LB-402DN ROHM-LB-402DN_11 Datasheet
945Kb / 4P
   High efficiency, two-digit numeric displays
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com