Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LA-501DN Datasheet(Fiches technique) 1 Page - Rohm

Numéro de pièce LA-501DN
Description  High efficiency, single-digit numeric displays
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

LA-501DN Datasheet(HTML) 1 Page - Rohm

  LA-501DN Datasheet HTML 1Page - Rohm LA-501DN Datenblatt HTML 2Page - Rohm LA-501DN Datenblatt HTML 3Page - Rohm LA-501DN Datenblatt HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.04 - Rev.B
High efficiency, single-digit numeric displays
LA-501DN Series
The LA-501DN series were designed to meet the need for 13mm single-digit numeric displays. These LED numeric displays use
GaAsP on GaP for the emitting material (with the exception of green) and are housed in an epoxy resin package. They are
single-digit displays with a character height of 13.0mm.
Features
Dimensions (Unit : mm)
1) Height of character: 13.0mm
2) Common anode and common cathode
configurations are available for each color.
3) High-efficiency reflectors are used to
achieve a bright, clear display.
4) The package surface is painted black and
the segments are colored the display color.
Selection guide
Emitting color
Common
Anode
Cathode
Red
LA-501VD
LA-501VN
Green
LA-501MD
LA-501MN
Pin assignments
Pin No.
+ + + + +
+ + + + +
a
g
d
fb
e
c
D.P
10 9
7
86
12345
Function
Pin No.
1
2
3
4
5
6
7
8
9
10
Segment "e"
Segment "d"
Common
Segment "c"
D.P
Segment "b"
Segment "a"
Common
Segment "f"
Segment "g"
(10.16)
(2.54)
0.5
12.5
10
°
φ1.25
7.4
1.25
Tolerances are
±0.2 unless otherwise noted:


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn