Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LA-501MN Datasheet(Fiches technique) 3 Page - Rohm

Numéro de pièce LA-501MN
Description  High efficiency, single-digit numeric displays
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

LA-501MN Datasheet(HTML) 3 Page - Rohm

  LA-501MN Datenblatt HTML 1Page - Rohm LA-501MN Datenblatt HTML 2Page - Rohm LA-501MN Datasheet HTML 3Page - Rohm LA-501MN Datenblatt HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/3
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.04 - Rev.B
Data Sheet
LA-501DN Series
Electrical and optical characteristic curves
LA-501MD
LA-501MN
LA-501VD
LA-501VN
0.1
1
10
100
1
1.5
2
2.5
3
Ta=25
°C
Forward Voltage:VF(V)
Fig.1 Forward Current - Forward Voltage
0.01
0.10
1.00
10.00
1
10
100
Forward Current:IF(mA)
Ta=25
°C
Fig.2 Relative Luminous Intensity - Forward Current
0.4
0.6
1.2
1.4
1.6
Case Temparature (
°C)
IF=10mA
-25 -15 -5
5
15
25 35 45 55 65
75
0.8
1
Fig.3 Relative Luminous Intensity - Case Temperature
1
10
100
1000
10000
100000
Pulse Duration : tw(µs)
1
10
Fig.4 Ratio of Maximum Tolerable Peak Current - Pulse Duration
0%
20%
40%
60%
80%
100%
120%
Ambient Temperature(
°C)
-25 -15 -5
5
15 25 35 45 55 65 75 85
Fig.5 Derating


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn