Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA-501MD Fiches technique(PDF) 2 Page - Rohm

No de pièce LA-501MD
Description  High efficiency, single-digit numeric displays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

LA-501MD Fiches technique(HTML) 2 Page - Rohm

  LA-501MD Datasheet HTML 1Page - Rohm LA-501MD Datasheet HTML 2Page - Rohm LA-501MD Datasheet HTML 3Page - Rohm LA-501MD Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2/3
www.rohm.com
c
2011 ROHM Co., Ltd. All rights reserved.
2011.04 - Rev.B
Data Sheet
LA-501DN Series
Internal circuit schematic (example of common cathode)
COM
3,8
a
7
b
6
c
4
d
2
e
1
f
9
g
10
D.P
5
Absolute maximum ratings (Ta = 25
C)
LA-501MD / MN
Parameter
Symbol
PD
PD / seg
IF
IFP
VR
Topr
Tstg
Red
LA-501VD / VN
Unit
mW
mW
mA
mA
V
°C
°C
480
60
20
60∗
5
Green
480
60
20
60∗
5
−25~+75
−30~+85
Power dissipation
Power dissipation
Forward current
Peak forward current
Reverse voltage
Operating temperature
Storage temperature
Pulse width 1ms duty 1 / 5
Electrical and optical characteristics (Ta = 25
C)
Not designed for radiation resistance.
Symbol
Unit
Parameter
Red
Spectral line half width
Δλ
nm
Peak wavelength
λP
nm
Reverse current
IR
μA
Forward voltage
VF
Conditions
IF
= 10mA
IF
= 10mA
VR
= 5V
IF
= 10mA
Min.
40
650
2.0
Typ.
100
2.8
Max.
Green
Min.
40
563
2.1
Typ.
100
2.8
Max.
V
Luminous intensity
λP
Unit
Color
Red
650
Type
LA-501VN
LA-501VD
Min.
5.6
Typ.
16
Max.
mcd
Green
563
LA-501MN
LA-501MD
5.6
16
mcd
Note : Measured at IF
= 10 mA


Numéro de pièce similaire - LA-501MD

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
LA-501MD ROHM-LA-501MD Datasheet
56Kb / 2P
   High efficiency, single-digit numeric displays
LA-501MD ROHM-LA-501MD Datasheet
68Kb / 3P
   High efficiency, single-digit numeric displays
LA-501MD ROHM-LA-501MD Datasheet
393Kb / 5P
   Single Digit LED Numeric Display
More results

Description similaire - LA-501MD

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
LA-101AK ROHM-LA-101AK_17 Datasheet
359Kb / 5P
   High efficiency, single-digit numeric displays
LA-101AK ROHM-LA-101AK_08 Datasheet
85Kb / 4P
   High efficiency, single-digit numeric displays
LA-101AK ROHM-LA-101AK_1 Datasheet
67Kb / 3P
   High efficiency, single-digit numeric displays
LA-501DN ROHM-LA-501DN Datasheet
56Kb / 2P
   High efficiency, single-digit numeric displays
LA-501DN ROHM-LA-501DN_1 Datasheet
68Kb / 3P
   High efficiency, single-digit numeric displays
LA-101AK ROHM-LA-101AK Datasheet
57Kb / 2P
   High efficiency, single-digit numeric displays
LA-601BL ROHM-LA-601BL Datasheet
58Kb / 2P
   High efficiency, single-digit numeric displays
LA-801FP ROHM-LA-801FP Datasheet
56Kb / 2P
   High efficiency, single-digit numeric displays
LB-203BL ROHM-LB-203BL Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
LB-303AK ROHM-LB-303AK Datasheet
62Kb / 2P
   High efficiency, three-digit numeric displays
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com