Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LA-101MA Datasheet(Fiches technique) 2 Page - Rohm

Numéro de pièce LA-101MA
Description  High efficiency, single-digit numeric displays
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

LA-101MA Datasheet(HTML) 2 Page - Rohm

  LA-101MA Datenblatt HTML 1Page - Rohm LA-101MA Datasheet HTML 2Page - Rohm LA-101MA Datenblatt HTML 3Page - Rohm LA-101MA Datenblatt HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LA-101AK Series
LED displays
Rev.B
2/3
Internal circuit schematic (example of common cathode)
COM
3,8
a
7
b
6
c
4
d
2
e
1
f
9
g
10
D.P
5
Absolute maximum ratings (Ta=25
°C)
Green
LA-101MA / MK
640
85 (45)
20
60∗
3
Parameter
Symbol
PD
PD / seg
IF
IFP
VR
Topr
Tstg
Red
LA-101VA / VK
Unit
mW
mW
mA
mA
V
˚C
˚C
640
85 (45)
15
60∗
3
−25 to +75
−30 to +85
Power dissipation
Power dissipation
Forward current
Peak forward current
Reverse voltage
Operating temperature
Storage temperature
Pulse width 1ms duty 1 / 5
( ) is D.P value
Electrical and optical characteristics (Ta=25
°C)
Not designed for radiation resistance.
The forward voltage and reverse current values are the guaranteed values per element.
Spectral line half
width
Peak wavelength
Reverse current
Forward voltage
Green
−−
Min.
40
563
2.1
4.2
Typ.
2.8
5.6
Max.
Symbol
Unit
Parameter
Red
∆λ
nm
λP
nm
IR
−−
µA
VF
Conditions Elements
IF
=10mA
IF
=10mA
VR
=3V
IF
=10mA
Min.
40
650
2.0
4.0
2
1
Typ.
2.8
100
100
5.6
Max.
V
1
2
1
2
1
2
1
2
Luminous intensity
Green
563
LA-101MK
LA-101MA
5.6
16
mcd
λP
Unit
Color
Red
650
Type
LA-101VK
LA-101VA
Min.
3.6
Typ.
10
Max.
mcd
Note : Measured at IF=10mA


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn