Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LA-101VK Datasheet(Fiches technique) 1 Page - Rohm

Numéro de pièce LA-101VK
Description  High efficiency, single-digit numeric displays
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

LA-101VK Datasheet(HTML) 1 Page - Rohm

  LA-101VK Datasheet HTML 1Page - Rohm LA-101VK Datenblatt HTML 2Page - Rohm LA-101VK Datenblatt HTML 3Page - Rohm LA-101VK Datenblatt HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LA-101AK Series
LED displays
Rev.B
1/3
High efficiency, single-digit numeric
displays
LA-101AK Series
The LA-101AK series are LED numerical displays
designed to allow use even in bright locations. The
height of the character is 25.4 mm, and two colors are
available: red and green. These displays are designed
for use in large numerical displays.
Features
1) Height of character: 25.4 mm
2) Dimensions: 24 x 34 x 10.5 mm
3) A common anode configuration and a common
cathode configuration are available for each color.
4) The package surface is painted black and the
segments are colored the display color.
5) High luminance, clear display.
Dimensions (Unit : mm)
Tolerances are ±0.3 unless otherwise noted :
2.5
14.1
(10.16)
(2.54)
24.0
±0.2
10˚
φ3.2
φ0.5
Selection guide
LA-101MA
LA-101MK
Green
Emitting color
Common
Anode
Cathode
Red
LA-101VA
LA-101VK
Pin assignments
Pin No.
a
g
d
fb
e
c
D.P
+ ++ + +
++ + + +
10 9 8
7
6
12
3
4 5
Segment "e"
Segment "d"
Common
Segment "c"
D.P
Segment "b"
Segment "a"
Common
Segment "f"
Segment "g"
1
2
3
4
5
6
7
8
9
10
Function
Pin No.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn