Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KA2002-BE10A Fiches technique(PDF) 2 Page - Rohm

No de pièce KA2002-BE10A
Description  For Mobile, FET-POS, Debit Card, PDA, ECR 2.7V Print Voltage (B Series)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

KA2002-BE10A Fiches technique(HTML) 2 Page - Rohm

  KA2002-BE10A_07 Datasheet HTML 1Page - Rohm KA2002-BE10A_07 Datasheet HTML 2Page - Rohm KA2002-BE10A_07 Datasheet HTML 3Page - Rohm KA2002-BE10A_07 Datasheet HTML 4Page - Rohm KA2002-BE10A_07 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KA2002-BE10A
Printheads
Rev.A
2/4
Equivalent circuit
Pin assignments
No.
12
VDD
STB4
STB5
STB6
GND
GND
CLK
DI
VH
VH
13
14
15
16
17
18
19
20
21
Circuit
LAT
No.
1VH
VH
DO
GND
GND
STB1
STB3
TM
2
3
4
5
6
7
8
9
10
11
Circuit
TM
STB2
Note) The GND terminal 5 and 6 are not connected with the GND terminal 16 and 17.
These terminals shall be connected each other at the closest point to the printhead.
STB4
/LAT
VH
GND
THERMISTOR
30kΩ B: 3950K
DOT#1
DOT#384
TM
TM
DO
VDD
STB5
STB6
CONNECTOR
#384
#321
#320
#257
#256
#193
DI
CLK
SHIFT REGISTER
STB3
#192
#129
LATCH REGISTER
#128
#65
#64
#1
STB2
STB1


Numéro de pièce similaire - KA2002-BE10A_07

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
KA2002-BE10A ROHM-KA2002-BE10A Datasheet
52Kb / 5P
   Compact Battery drivable thick film thermal printhead (8dots / mm)
More results

Description similaire - KA2002-BE10A_07

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
KA2004-BE51A ROHM-KA2004-BE51A Datasheet
150Kb / 5P
   For Mobile, FET-POS, Debit Card, PDA, ECR 2.7V Print Voltage (B Series)
KA2002-BE13A ROHM-KA2002-BE13A Datasheet
108Kb / 5P
   For Mobile, FET-POS, Debit Card, PDA, ECR 2.7V Print Voltage (B Series)
KA2003-BE51A ROHM-KA2003-BE51A Datasheet
194Kb / 5P
   For Mobile, FET-POS, Debit Card, PDA, ECR 2.7V Print Voltage (B Series)
logo
ITT Industries
LPCTP-1 ITT-LPCTP-1 Datasheet
68Kb / 1P
   Mobile Mobile Phones Portable Radio Portable Satellite PDA
LPCSP1 ITT-LPCSP1 Datasheet
61Kb / 1P
   Mobile Mobile Phones Portable Radio Portable Satellite PDA
LPCMID ITT-LPCMID Datasheet
64Kb / 1P
   Mobile Mobile Phones PDA Portable Radio Portable Satellite
logo
Advantech Co., Ltd.
AIM-P708 ADVANTECH-AIM-P708 Datasheet
311Kb / 1P
   Simple cradle for AIM-37 Mobile POS
8-Aug-2019
logo
ITT Industries
LPCCP1 ITT-LPCCP1 Datasheet
62Kb / 1P
   Antenna Interconnect for Satellite TV Receiver Mobile Phones PDA Portable Radio
logo
Advantech Co., Ltd.
AIM-P701 ADVANTECH-AIM-P701 Datasheet
749Kb / 1P
   Multi-Functional Smart Cradle for AIM-37 Mobile POS
26-Jun-2017
logo
STMicroelectronics
SMP100LC-XXX STMICROELECTRONICS-SMP100LC-XXX Datasheet
66Kb / 8P
   TRISILTM FOR HIGH DEBIT RATE TELECOM LINES PROTECTION
March 2000 - Ed: 3B
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com