Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU4001BFE2 Fiches technique(PDF) 3 Page - Rohm

No de pièce BU4001BFE2
Description  High Voltage CMOS Logic ICs Gate>
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU4001BFE2 Fiches technique(HTML) 3 Page - Rohm

  BU4001BFE2 Datasheet HTML 1Page - Rohm BU4001BFE2 Datasheet HTML 2Page - Rohm BU4001BFE2 Datasheet HTML 3Page - Rohm BU4001BFE2 Datasheet HTML 4Page - Rohm BU4001BFE2 Datasheet HTML 5Page - Rohm BU4001BFE2 Datasheet HTML 6Page - Rohm BU4001BFE2 Datasheet HTML 7Page - Rohm BU4001BFE2 Datasheet HTML 8Page - Rohm BU4001BFE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F,
BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV
Technical Note
3/21
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics(BU4001B)(Unless otherwise noted, VSS=0V, Ta=25℃, CL=50pF)
Parameter
Symbol
Standard Value
Unit
Condition
Fig.No
MIN
TYP
MAX
VDD[V]
Input “H” voltage
VIH
3.5
V
5
1
7.0
10
2
11.0
15
3
Input “L” voltage
VIL
1.5
V
5
1
3.0
10
2
4.0
15
3
Input “H” current
IIH
0.3
μA
15
VIH=15[V]
Input “L” current
IIL
-0.3
μA
15
VIL=0[V]
Output “H” voltage
VOH
4.95
V
5
IO=0[mA]
1
9.95
10
2
14.95
15
3
Output “L” voltage
VOL
0.05
V
5
IO=0[mA]
1
0.05
10
2
0.05
15
3
Output “H” current
IOH
-0.16
mA
5
VOH=4.6[V]
4
-0.4
10
VOH=9.5[V]
-1.2
15
VOH=13.5[V]
Output “L” current
IOL
0.44
mA
5
VOL=0.4[V]
5
1.1
10
VOL=0.5[V]
3.0
15
VOL=1.5[V]
Static supply current
IDD
1
μA
5
VI=VDD or GND
2
10
4
15
Parameter
Symbol
Standard Value
Unit
Condition
Fig.No
MIN
TYP
MAX
VDD[V]
Output rising time
tTLH
180
ns
5
6
90
10
65
15
Output falling time
tTHL
100
ns
5
7
50
10
40
15
“L” to ”H”
Propagation delay time
tPLH
90
ns
5
8
50
10
40
15
“H” to ”L”
Propagation delay time
tPHL
90
ns
5
9
50
10
40
15
Input capacitance
CIN
5
pF


Numéro de pièce similaire - BU4001BFE2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4001BF ROHM-BU4001BF Datasheet
46Kb / 4P
   Quad 2-input NOR gate
BU4001BF ROHM-BU4001BF Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4001BF-E2 ROHM-BU4001BF-E2 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4001BFV ROHM-BU4001BFV Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4001BFV-E2 ROHM-BU4001BFV-E2 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
More results

Description similaire - BU4001BFE2

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4001B ROHM-BU4001B_09 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4SU69G2-TR ROHM-BU4SU69G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S11G2-TR ROHM-BU4S11G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S71G2-TR ROHM-BU4S71G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4015B ROHM-BU4015B_09 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4S81G2-TR ROHM-BU4S81G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4066BC ROHM-BU4066BC_09 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BC ROHM-BU4066BC_11 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4S66G2 ROHM-BU4S66G2_09 Datasheet
337Kb / 8P
   Single Gate CMOS Logic ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com