Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU4093B Fiches technique(PDF) 2 Page - Rohm

No de pièce BU4093B
Description  High Voltage CMOS Logic ICs Gate>
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU4093B Fiches technique(HTML) 2 Page - Rohm

  BU4093B Datasheet HTML 1Page - Rohm BU4093B Datasheet HTML 2Page - Rohm BU4093B Datasheet HTML 3Page - Rohm BU4093B Datasheet HTML 4Page - Rohm BU4093B Datasheet HTML 5Page - Rohm BU4093B Datasheet HTML 6Page - Rohm BU4093B Datasheet HTML 7Page - Rohm BU4093B Datasheet HTML 8Page - Rohm BU4093B Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F,
BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV
Technical Note
2/21
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
When used at Ta=25[°C] or above, values of above are reduced per 1[°C].
Allowable loss is the value for mounting 70[mm] x 70[mm] x 1.6[mm] FR4 glass epoxy
circuit board (copper foil area is 3% or less).
1400
1200
1000
800
400
0
25
50
75
100
125
150
175
Ambient temperature Ta [℃]
85℃
600
200
1180[mV] BU4***
(*1)
870[mV] BU4***FV (*2)
610[mV] BU4***F
(*3)
(*)shows BU4*** below
BU4001B
BU4011B
BU4030B
BU4070B
BU4081B
BU4093B
BU4069UB
BU4584B
Absolute Maximum Ratings
Parameter
Symbol
Limit
Unit
BU4001B BU4011B
BU4030B
/BU4070B
BU4081B BU4093B BU4069UB BU4584B
Power Supply Voltage
VDD
-0.3 to 18
V
Supply current
Iin
±10
mA
Operating temperature
Topr
-40 to 85
Storage temperature
Tstg
-55 to 150
Input Voltage
VIN
-0.3 to VDD+0.3
V
Maximum junction temperature
Tjmax
150
Recommended Operating Conditions
Parameter
Symbol
Limit
Unit
BU4001B BU4011B
BU4030B
/BU4070B
BU4081B BU4093B BU4069UB BU4584B
Operating Power Supply
VDD
3 to 16
V
Input Voltage
VIN
0 to VDD
V
Thermal Derating Curve
Input / Output Equivalent Circuits
(*1)
(*2)
(*3)
UNIT
9.5
7.0
4.9
mW/℃
Input
Output
VDD
GND
VDD
GND
VDD
VDD
GND
GND


Numéro de pièce similaire - BU4093B

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4093B ROHM-BU4093B Datasheet
49Kb / 4P
   Quad 2-input NAND Schmitt trigger
BU4093B ROHM-BU4093B Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4093B-E2 ROHM-BU4093B-E2 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4093BF ROHM-BU4093BF Datasheet
49Kb / 4P
   Quad 2-input NAND Schmitt trigger
BU4093BF ROHM-BU4093BF Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
More results

Description similaire - BU4093B

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU4001B ROHM-BU4001B_09 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4SU69G2-TR ROHM-BU4SU69G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S11G2-TR ROHM-BU4S11G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4S71G2-TR ROHM-BU4S71G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4015B ROHM-BU4015B_09 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4S81G2-TR ROHM-BU4S81G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4066BC ROHM-BU4066BC_09 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4066BC ROHM-BU4066BC_11 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4S66G2 ROHM-BU4S66G2_09 Datasheet
337Kb / 8P
   Single Gate CMOS Logic ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com