Moteur de recherche de fiches techniques de composants électroniques |
|
BU4001B Fiches technique(PDF) 2 Page - Rohm |
|
BU4001B Fiches technique(HTML) 2 Page - Rohm |
2 / 22 page BU4001B/F,BU4011B/F/FV,BU4030B/F,BU4070B/F, BU4081B/F/FV,BU4093B/F/FV,BU4069UB/F/FV,BU4584B/F/FV Technical Note 2/21 www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. When used at Ta=25[°C] or above, values of above are reduced per 1[°C]. Allowable loss is the value for mounting 70[mm] x 70[mm] x 1.6[mm] FR4 glass epoxy circuit board (copper foil area is 3% or less). 1400 1200 1000 800 400 0 25 50 75 100 125 150 175 Ambient temperature Ta [℃] 85℃ 600 200 1180[mV] BU4*** (*1) 870[mV] BU4***FV (*2) 610[mV] BU4***F (*3) (*)shows BU4*** below BU4001B BU4011B BU4030B BU4070B BU4081B BU4093B BU4069UB BU4584B ● Absolute Maximum Ratings Parameter Symbol Limit Unit BU4001B BU4011B BU4030B /BU4070B BU4081B BU4093B BU4069UB BU4584B Power Supply Voltage VDD -0.3 to 18 V Supply current Iin ±10 mA Operating temperature Topr -40 to 85 ℃ Storage temperature Tstg -55 to 150 ℃ Input Voltage VIN -0.3 to VDD+0.3 V Maximum junction temperature Tjmax 150 ℃ ● Recommended Operating Conditions Parameter Symbol Limit Unit BU4001B BU4011B BU4030B /BU4070B BU4081B BU4093B BU4069UB BU4584B Operating Power Supply VDD 3 to 16 V Input Voltage VIN 0 to VDD V ● Thermal Derating Curve ● Input / Output Equivalent Circuits (*1) (*2) (*3) UNIT 9.5 7.0 4.9 mW/℃ < Input> < Output> VDD GND VDD GND VDD VDD GND GND |
Numéro de pièce similaire - BU4001B_11 |
|
Description similaire - BU4001B_11 |