Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU30TA2WHFV Fiches technique(PDF) 5 Page - Rohm

No de pièce BU30TA2WHFV
Description  1ch 200mA CMOS LDO Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BU30TA2WHFV Fiches technique(HTML) 5 Page - Rohm

  BU30TA2WHFV Datasheet HTML 1Page - Rohm BU30TA2WHFV Datasheet HTML 2Page - Rohm BU30TA2WHFV Datasheet HTML 3Page - Rohm BU30TA2WHFV Datasheet HTML 4Page - Rohm BU30TA2WHFV Datasheet HTML 5Page - Rohm BU30TA2WHFV Datasheet HTML 6Page - Rohm BU30TA2WHFV Datasheet HTML 7Page - Rohm BU30TA2WHFV Datasheet HTML 8Page - Rohm BU30TA2WHFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Technical Note
5/29
BUTA2WNVX series, BUTA2WHFV series
www.rohm.com
2011.01 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Fig.4 Stability area characteristics (Example)
Input/Output terminal equivalent circuit schematic
1pin (VOUT)
2pin (GND)
3pin (STBY)
4pin (VIN)
VIN
STBY
Fig.2 Input/Output equivalent circuit
About input/output capacitor
It is recommended to place a capacitor as close as possible to the
pins between the input terminal and GND or between the output
terminal and GND.
The capacitor between the input terminal and GND becomes valid
when source impedance increases or when wiring is long. The
larger the capacity of the output capacitor between the output
terminal and GND is, the better the stability and characteristics in
output load fluctuation become. However, please check the status
of actual implementation. Ceramic capacitors generally have
variation, temperature characteristics, and direct current bias
characteristics and the capacity value also decreases with time
depending on the usage conditions. It is recommended to select a
ceramic capacitor upon inquiring about detailed data of the related
manufacturer.
About the equivalent series resistance (ESR) of a ceramic capacitor
Capacitors generally have ESR (equivalent series resistance) and it
operates stably in the ESR-IOUT area shown on the right. Since
ceramic capacitors, tantalum capacitors, electrolytic capacitors, etc.
generally have different ESR, please check the ESR of the
capacitor to be used and use it within the stability area range shown
in the right graph for evaluation of the actual application.
VOUT
VIN
Fig.3 Capacity – bias characteristics
Capacity value of ceramic capacitor - DC bias characteristics
(
Example)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
00.5
1
1.5
22.53
3.54
DC Bias Voltage [V]
10-V withstand voltage
B1characteristics
GRM188B11A105KA61D
10-V withstand voltage
B characteristics
6.3-V withstand voltage
B characteristics
4-V withstand voltage
X6S characteristics
10-V withstand voltage
F characteristics
10-V withstand voltage
F characteristics
0.01
0.1
1
10
100
0
50
100
150
200
IOUT [mA]
Stability area
Unstable area


Numéro de pièce similaire - BU30TA2WHFV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU30TA2WHFV-TR ROHM-BU30TA2WHFV-TR Datasheet
1Mb / 28P
   High-speed Load Response FULL CMOS LDO Regulators
More results

Description similaire - BU30TA2WHFV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com