Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

1N17 Datasheet(Fiches technique) 2 Page - Micro Commercial Components

Numéro de pièce 1N17
Description  1.0 Amp Schottky Barrier Rectifier 20 to 40 Volts
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MCC [Micro Commercial Components]
Site Internet  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1N17 Datasheet(HTML) 2 Page - Micro Commercial Components

  1N17_11 Datenblatt HTML 1Page - Micro Commercial Components 1N17_11 Datasheet HTML 2Page - Micro Commercial Components 1N17_11 Datenblatt HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MCC
1N17
thru 1N19















































FIG.1-FORWARD CURRENT DERATING CURVE
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG.4-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE. VOLTS
T, PULSE DURATION ,sec.
PERCENT OF RATED PEAK REVERSE VOLTAGE%
NUMBER OF CYCLES AT 60Hz
LEAD TEMPERATURE ( C)
T=25 C
J
T =125 C
J
PULSE WIDTH=300 S
1% DUTY CYCLE
T=TMAX
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
JJ
T =125 C
J
T=25 C
J
T=75 C
J
RESISTIVE OR INDUCTIVE LOAD
0.375" (9.5MM) LEAD LENGTH
















FIG.5-TYPICAL JUNCTION CAPACITANCE
FIG.6-TYPICAL TRANSIENT THERMAL IMPEDANCE
T=25 C
f=1.0MH
J
Z
Vsig=50mVp-p
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
2 of 3


Html Pages

1  2  3