Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4001 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 1N4001
Description  General Purpose Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4001 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  1N4001_09 Datasheet HTML 1Page - Fairchild Semiconductor 1N4001_09 Datasheet HTML 2Page - Fairchild Semiconductor 1N4001_09 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
1N4001 - 1N4007 Rev. C2
2
Typical Performance Characteristics
Figure 1. Forward Current Derating Curve
Figure 2. Forward Characteristics
Figure 3. Non-Repetitive Surge Current
Figure 4. Reverse Characteristics


Numéro de pièce similaire - 1N4001_09

FabricantNo de pièceFiches techniqueDescription
logo
Diotec Semiconductor
1N4001 DIOTEC-1N4001_09 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
logo
SeCoS Halbleitertechnol...
1N4001 SECOS-1N4001_09 Datasheet
52Kb / 2P
   VOLTAGE 50 ~ 1000 V 1.0 A, Silicon Rectifiers
More results

Description similaire - 1N4001_09

FabricantNo de pièceFiches techniqueDescription
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
   GENERAL PURPOSE RECTIFIERS
logo
Hi-Sincerity Mocroelect...
H1N400X HSMC-H1N400X Datasheet
23Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
S1WBA60S SHINDENGEN-S1WBA60S Datasheet
171Kb / 5P
   General purpose rectifiers
logo
Compact Technology Corp...
GS2A CTC-GS2A Datasheet
90Kb / 2P
   GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
1N5393 FAIRCHILD-1N5393_13 Datasheet
138Kb / 5P
   General-Purpose Rectifiers
logo
Comchip Technology
CGR1A7-HF COMCHIP-CGR1A7-HF Datasheet
85Kb / 3P
   General Purpose Rectifiers
logo
NXP Semiconductors
PS07J PHILIPS-PS07J Datasheet
51Kb / 9P
   General purpose rectifiers
Rev. 02-26 July 2004
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com