Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD3508MUV Fiches technique(PDF) 8 Page - Rohm

No de pièce BD3508MUV
Description  Nch FET Ultra LDO for PC Chipsets
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD3508MUV Fiches technique(HTML) 8 Page - Rohm

Back Button BD3508MUV Datasheet HTML 4Page - Rohm BD3508MUV Datasheet HTML 5Page - Rohm BD3508MUV Datasheet HTML 6Page - Rohm BD3508MUV Datasheet HTML 7Page - Rohm BD3508MUV Datasheet HTML 8Page - Rohm BD3508MUV Datasheet HTML 9Page - Rohm BD3508MUV Datasheet HTML 10Page - Rohm BD3508MUV Datasheet HTML 11Page - Rohm BD3508MUV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8/20
Technical Note
www.rohm.com
2010.04 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
BD3508MUV,BD3509MUV
Reference Data
Fig.46 Tj-INRCS
Fig.47 Tj-IFB
Fig.48 Tj-Ien
-10
-8
-6
-4
-2
0
2
4
6
8
10
-50 -25
0
25 50 75 100 125 150
Ta(℃)
0
1
2
3
4
5
6
7
8
9
10
-50 -25
0
25
50
75 100 125 150
Ta(℃)
15
16
17
18
19
20
21
22
23
24
25
-50 -25 0
25 50
75 100 125 150
Ta(℃)
Fig.37 Input sequence
Fig.38 Input sequence
VEN
VCC
VIN
Vo
VIN→VEN→VCC
Fig.39 Tj-Vo (Io=0mA)
1.2
1.21
1.22
1.23
1.24
1.25
1.26
1.27
1.28
1.29
1.3
-50 -25 0
25 50 75 100 125 150
Ta(℃)
VEN
VCC
VIN
Vo
VEN→VIN→VCC
Fig.40 Tj-ICC
Fig.41 Tj-ISTB
0
0.3
0.6
0.9
1.2
1.5
-50 -25
0
25
50 75 100 125 150
Ta(℃)
0
5
10
15
20
25
30
35
40
45
50
-50 -25 0
25 50
75 100 125 150
Ta(℃)
Fig.42 Tj-IDD
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50 -25
0
25 50 75 100 125 150
Ta(℃)
Fig.44 Tj-IIN
Fig.45 Tj-IINSTB
1
1.2
1.4
1.6
1.8
2
-50 -25
0
25
50 75 100 125 150
Ta(℃)
Fig.43 Tj-IDDSTB
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
-50 -25 0
25 50 75 100 125 150
Ta(℃)
0
5
10
15
20
25
30
35
40
45
50
-50 -25 0
25 50
75 100 125 150
Ta(℃)


Numéro de pièce similaire - BD3508MUV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3508MUV ROHM-BD3508MUV Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
More results

Description similaire - BD3508MUV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3506F ROHM-BD3506F_10 Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
BD3504FVM ROHM-BD3504FVM_10 Datasheet
549Kb / 17P
   Nch FET Ultra LDO Controllers for PC Chipsets
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
BD3540NUV ROHM-BD3540NUV_09 Datasheet
642Kb / 17P
   Nch FET Ultra LDOs for Desktop PCs Chipsets with Power Good
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD3523HFN ROHM-BD3523HFN_09 Datasheet
788Kb / 21P
   Nch FET Ultra LDOs for Desktop PCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com