Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD3500FVM Fiches technique(PDF) 3 Page - Rohm

No de pièce BD3500FVM
Description  Nch FET Ultra LDO Controllers for PC Chipsets
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD3500FVM Fiches technique(HTML) 3 Page - Rohm

  BD3500FVM Datasheet HTML 1Page - Rohm BD3500FVM Datasheet HTML 2Page - Rohm BD3500FVM Datasheet HTML 3Page - Rohm BD3500FVM Datasheet HTML 4Page - Rohm BD3500FVM Datasheet HTML 5Page - Rohm BD3500FVM Datasheet HTML 6Page - Rohm BD3500FVM Datasheet HTML 7Page - Rohm BD3500FVM Datasheet HTML 8Page - Rohm BD3500FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
BD3504FVM,BD3500FVM,BD3501FVM,BD3502FVM
Technical Note
3/16
www.rohm.com
2010.05 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Electrical characteristics (unless otherwise noted, Ta=25℃ VCC=5V Vin=3.3V Ven=3V)
BD3500FVM/BD3501FVM/BD3502FVM
Parameter
Symbol
Standard Value
Unit
Condition
MIN
TYP
MAX
Bias Current
ICC
-
0.8
1.6
mA
Shut Down Mode Current
IST
-
0
10
µA
Ven=0V
Output Voltage 1 (BD3500FVM)
Vo1
1.782
1.800
1.818
V
Io=50mA
Output Voltage 1 (BD3501FVM)
Vo1
1.485
1.500
1.515
V
Io=50mA
Output Voltage 1 (BD3502FVM)
Vo1
1.188
1.200
1.212
V
Io=50mA
Output Voltage 2 (BD3500FVM)
Vo2
1.746
1.800
1.854
V
Vcc=4.5V to 5.5V ,Io=0 to 3A
Ta=-10℃ to 100℃(※)
Output Voltage 2 (BD3501FVM)
Vo2
1.455
1.500
1.545
V
Vcc=4.5V to 5.5V ,Io=0 to 3A
Ta=-10℃ to 100℃(※)
Output Voltage 2 (BD3502FVM)
Vo2
1.164
1.200
1.236
V
Vcc=4.5V to 5.5V ,Io=0 to 3A
Ta=-10℃ to 100℃(※)
Line Regulation
Reg.l
-
0.1
0.5
%/V VCC=4.5V to 5.5V
Load Regulation
Reg.L
-
0.5
10
mV
Io=0 to 3A
[Enable]
High Level Enable Input Voltage
Enhi
2
-
Vcc
V
Low Level Enable Input Voltage
Enlow
-0.3
-
0.8
V
Enable Pin Input Current
Ien
-
7
10
µA
Ven=3V
[NRCS]
NRCS Charge Current
Inrcs
14
20
26
µA
Vnrcs=0.5V,VCC=4.5V to 5.5V
Ta=-10℃ to 100℃ (※)
NRCS Standby Voltage
Vnrcs
-
0
50
mV
Ven=0V
[Voltage Feed Back]
VFB Input Bias Current
IFB
-
0.7
1.2
mA
Ven=3V
VFB Standby Current
FBSTB
150
-
-
mA
Ven=0V,VFB=1V
[Output MOSFET Driver]
MOSFET Driver Source Current
IGSO
0.5
1
1.5
mA
VFB=Vo-0.1V,G=Vo+1V
MOSFET Driver Sink Current
IGSI
2
3
4
mA
VFB=Vo+0.1V,G=Vo+1V
[UVLO]
VCC UVLO
VccUVLO
4.2
4.35
4.5
V
Vcc:Sweep up
VCC UVLO Hysteresis
Vcchys
100
160
220
mV
Vcc:Sweep down
VIN UVLO
VINUVLO
Vo×1.05
Vo×1.1
Vo×1.15
V
VIN:Sweep up
VIN UVLO Hysteresis
VINhys
100
160
220
mV
VIN:Sweep down
[SCP]
SCP Charge Current
Iscpch
14
20
26
µA
VSCP=0.5V,VCC=4.5V to 5.5V
Ta=-10℃ to 100℃ (※)
SCP Discharge Current
IscpDi
0.5
-
-
mA
VSCP=0.5V
SCP Threshold Voltage
Vscpth
1.2
1.3
1.4
V
Short Detect Voltage
Vscp
Vo×0.6
Vo×0.7
Vo×0.8
V
SCP Stand-by Voltage
VSTB
-
0
50
mV
(※) Design Guarantee


Numéro de pièce similaire - BD3500FVM

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3500FVM ROHM-BD3500FVM Datasheet
258Kb / 6P
   Single Channel Series Regulator Driver IC
BD3500FVM ROHM-BD3500FVM Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
More results

Description similaire - BD3500FVM

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3506F ROHM-BD3506F_10 Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
BD3509MUV ROHM-BD3509MUV_10 Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
BD3540NUV ROHM-BD3540NUV_09 Datasheet
642Kb / 17P
   Nch FET Ultra LDOs for Desktop PCs Chipsets with Power Good
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3523HFN ROHM-BD3523HFN_09 Datasheet
788Kb / 21P
   Nch FET Ultra LDOs for Desktop PCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com