Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD3460FS Fiches technique(PDF) 1 Page - Rohm

No de pièce BD3460FS
Description  General-Purpose Electronic Volume with Built-in Advanced Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD3460FS Fiches technique(HTML) 1 Page - Rohm

  BD3460FS Datasheet HTML 1Page - Rohm BD3460FS Datasheet HTML 2Page - Rohm BD3460FS Datasheet HTML 3Page - Rohm BD3460FS Datasheet HTML 4Page - Rohm BD3460FS Datasheet HTML 5Page - Rohm BD3460FS Datasheet HTML 6Page - Rohm BD3460FS Datasheet HTML 7Page - Rohm BD3460FS Datasheet HTML 8Page - Rohm BD3460FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1/28
www.rohm.com
2011.04 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
Sound Processors for Car Audios
General-Purpose Electronic Volume
with Built-in Advanced Switch
BD3460FS,BD3461FS,BD3464FV,BD3465FV
Description
BD3460FS, BD3461FS, BD3464FV, BD3465FV is 4ch / 6ch electronic volume which has audio efficiency of the industry
best level. It has 『Outside sound mixing function (with volume)』(BD3461FS, BD3465FV) in favorite channel to mixing of
the portable telephone and car navigation’s guide sound. Also, which has 『Ground isolation amplifier』(BD3460FS,
BD3461FS) when connecting with the outside voice inputs such as portable audio and car navigation. It is lineup and
possible to be chosen to the use by it. Also, Rohm has the volume switching shock sound prevention technique “Advanced
switch”. Therefore, it supports the construct of the high quality car audio space by the simple control.
Features
1) Reduce switching noise of volume by using advanced switch circuit. (Possible to control all steps)
2) Low distortion (0.0004% typ), Low noise (1.6μVrms)
3) Mixing for external sound monaural 3ch. It is possible that is mixed to front/Rear/Sub output (BD3461FS)
Front/Rear output (BD3465FV) Lch/Rch independently.
4) Built-in 3ch ATT for external sound mixing that can be controlled independently. (BD3461FS, BD3465FV)
5) Built-in buffered stereo ground isolation amplifier inputs, ideal for external input. (BD3460FS, BD3461FS)
6) Bi-CMOS process is suitable for the design of low current and low energy. And it provides more quality
for small scale regulator and heat in a set.
7) Package is SSOP-A24,SSOP-B20. Putting input-terminals together and output-terminals together can make
PCB layout easier and can makes area of PCB smaller.
8) It is possible to control by 3.3V / 5V for I
2C BUS.
Applications
It is the optimal for the car audio. Besides, it is possible to use for the car navigation, audio equipment of mini Compo, micro
Compo, DVD, TV etc with all kinds.
Line up matrix
Function
BD3460FS
BD3461FS
BD3464FV
BD3465FV
Volume
6ch
6ch
4ch
4ch
Input for external sound mixing
-
-
GND isolation amplifier
-
-
Package
SSOP-A24
SSOP-A24
SSOP-B20
SSOP-B20
No.11085EBT09


Numéro de pièce similaire - BD3460FS

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD3460FS ROHM-BD3460FS Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3460FS-E2 ROHM-BD3460FS-E2 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3460FS ROHM-BD3460FS_15 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
More results

Description similaire - BD3460FS

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD37034FV-M ROHM-BD37034FV-M Datasheet
1Mb / 47P
   General-Purpose Electronic Volume with Built-in Advanced Switch
BD3461FS ROHM-BD3461FS_15 Datasheet
2Mb / 32P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3460FS ROHM-BD3460FS_15 Datasheet
2Mb / 30P
   General-Purpose 6ch Electronic Volume with Built-in Advanced Switch
BD3465FV ROHM-BD3465FV Datasheet
2Mb / 31P
   General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
BD3464FV ROHM-BD3464FV Datasheet
2Mb / 30P
   General-Purpose 4ch Electronic Volume with Built-in Advanced Switch
logo
Mitsubishi Electric Sem...
M62496FP MITSUBISHI-M62496FP Datasheet
218Kb / 11P
   ELECTRONIC VOLUME CONTROL WITH BUILT-IN SPEATEN FILTER
logo
Renesas Technology Corp
M62496FP RENESAS-M62496FP Datasheet
187Kb / 14P
   Electronic Volume Control with Built-in Speaten Filter
M61508FP RENESAS-M61508FP Datasheet
233Kb / 25P
   The Electric Volume of Built-in Non Fader Volume with Tone
logo
Sony Corporation
CXA2125Q SONY-CXA2125Q Datasheet
399Kb / 35P
   Audio/Video Switch with Electronic Volume for 3 Scart
CXA2126Q SONY-CXA2126Q Datasheet
370Kb / 34P
   Audio/Video Switch with Electronic Volume for 2 Scart
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com