Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD1603NUV Fiches technique(PDF) 5 Page - Rohm

No de pièce BD1603NUV
Description  Backlight LED Driver for Small LCD Panels (Charge Pump Type)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BD1603NUV Fiches technique(HTML) 5 Page - Rohm

  BD1603NUV Datasheet HTML 1Page - Rohm BD1603NUV Datasheet HTML 2Page - Rohm BD1603NUV Datasheet HTML 3Page - Rohm BD1603NUV Datasheet HTML 4Page - Rohm BD1603NUV Datasheet HTML 5Page - Rohm BD1603NUV Datasheet HTML 6Page - Rohm BD1603NUV Datasheet HTML 7Page - Rohm BD1603NUV Datasheet HTML 8Page - Rohm BD1603NUV Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Technical Note
5/8
www.rohm.com
2011.02 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BD1603NUV
4.
Efficiency
The efficiency can be obtained from the following formula:
[]
%
100
×
I
×
V
Io
×
V
=
η
IN
IN
OUT
VOUT : Output voltage
IO
: Load current
VIN : Input voltage
IIN
: Input current
5.
Power consumption
The power consumption can be obtained from the following formula:
PD = PIN-POUT
= (VIN×IIN)-(VO×IO) [w]
VIN and IO must be set within an allowable loss of this LSI.
(You must set Io[mA] that it doesn't exceed Pd of this LSI.)
Because the allowable loss greatly depends on the PCB layout, the PCB layout must be designed considering heat dissipation.
In this PCB layout, the land pattern at the rear of this LSI must be directly connected to the ground plane.
6.
Output short-circuit current
When the output is short-circuited to the ground, outflow current is limited for LSI protection.
Once short-circuit is cleared, normal LSI operation is resumed (automatic return).
7.
Thermal shutdown
When the chip setting temperature is 185ºC (typ) or more, the thermal shutdown function is activated to turn off the
charge pump circuit.
When this temperature falls below to the thermal detection temperature, normal LSI operation is resumed. Accordingly,
the following ON and OFF operations are repeated as thermal operations unless the primary cause is resolved.
Fig.13 Thermal Detection Loop
8.
Setting the LED current
The LED current is set as follows.
The constant must be determined, considering variations in resistance and LED.

A
R
V
VOUT
ILED
F
VOUT : Output voltage of BD1603NUV
VF
: VF in the LED to be connected
R
: LED current setting resistance
Fig.14 Setting the LED Current
Temperature
Thermal detection
Circuit OFF
Temperature drop
Circuit ON
BD1603NUV
VOUT
VF
R


Numéro de pièce similaire - BD1603NUV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD1603NUV ROHM-BD1603NUV Datasheet
309Kb / 6P
   Charge Pump Regulator with Selectable 5.0V/4.5V Output for mobile
BD1603NUV ROHM-BD1603NUV Datasheet
264Kb / 5P
   Charge Pump type LED driver for mobile instrument
BD1603NUV ROHM-BD1603NUV_1 Datasheet
264Kb / 5P
   Charge Pump type LED driver for mobile instrument
More results

Description similaire - BD1603NUV

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1204GWL ROHM-BD1204GWL Datasheet
412Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD82103GWL ROHM-BD82103GWL_11 Datasheet
287Kb / 10P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6083GUL ROHM-BD6083GUL_10 Datasheet
667Kb / 46P
   Multifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6088GUL ROHM-BD6088GUL_11 Datasheet
821Kb / 52P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6095GUL ROHM-BD6095GUL_11 Datasheet
657Kb / 42P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1604MUV ROHM-BD1604MUV_11 Datasheet
393Kb / 11P
   Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD6085GUL ROHM-BD6085GUL_11 Datasheet
477Kb / 29P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com