Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA6859AFP-Y Fiches technique(PDF) 7 Page - Rohm

No de pièce BA6859AFP-Y
Description  1ch Spindle Motor Driver ICs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA6859AFP-Y Fiches technique(HTML) 7 Page - Rohm

Back Button BA6859AFP-Y Datasheet HTML 3Page - Rohm BA6859AFP-Y Datasheet HTML 4Page - Rohm BA6859AFP-Y Datasheet HTML 5Page - Rohm BA6859AFP-Y Datasheet HTML 6Page - Rohm BA6859AFP-Y Datasheet HTML 7Page - Rohm BA6859AFP-Y Datasheet HTML 8Page - Rohm BA6859AFP-Y Datasheet HTML 9Page - Rohm BA6859AFP-Y Datasheet HTML 10Page - Rohm BA6859AFP-Y Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
BA6859AFP-Y,BA6664FM,BD6671FM
Technical Note
7/17
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
3)BD6671FM
Fig.8 BD6671FM Block Diagram
BD6671FM Pin Function
Pin No Pin name
Function
Pin No Pin name
Function
1
H1+
Hall signal input pin
15
VM
Motor power supply pin
2
H1-
Hall signal input pin
16
ECR
Output voltage control reference pin
3
H2+
Hall signal input pin
17
EC
Output voltage control pin
4
H2-
Hall signal input pin
18
PS
Power-saving pin
5
H3+
Hall signal input pin
19
RNF2
Resistance connection pin for output
current detection
6
H3-
Hall signal input pin
20
A3
Output pin
7
GSW
Gain switching pin
21
RNF1
Resistance connection pin for output
current detection
8
GND
GND
22
A2
Output pin
9
CP1
Charge pump capacity connection
pin 1
23
RNF1
Resistance connection for output
current
10
CP2
Charge pump capacity connection
pin 2
24
A1
Output pin
11
VG
Charge pump output pin
25
VM
Motor power supply pin
12
CNF
Capacitor connection pin for phase
compensation
26
VH
Hall bias pin
13
MODE
Brake mode switching pin
27
FG
FG Output pin
14
VCC
Power supply pin
28
FG3
FG3 Output pin
FIN
FIN
GND
*Heat radiation FIN: GND
1 Set capacitor between VM and GND, close as possible to the IC.
2 To prevent from concentration of current routes, make the wiring
impedance values from the power supply equal as possible.
H3+
H3-
H2+
H2-
Hall comp
Hall Amp
H1+
H1-
200Ω
200Ω
VH
Hall
bias
Vcc
10µF
MODE
Matrix
CNF
VG
CP2
CP1
0.1 µ F
GND
A3
A2
A1
RNF1
RNF
0.5Ω
RNF2
10kΩ
0.01µF
PS
PS
Vcc
FG
FG3
VM
100µ F
VM
Torque
AMP
EC
ECR
servo
signal
1.65V
GSW
Charge
Pump
Driver
U-Pre
Driver
L-Pre
Driver
Matrix
TSD
EXOR
+
-
Current
Sense AMP
CL
D
Q
CK
QB
REVERSE
DETECT
PWM
Comp
Gain
control
Vcc
1000pF
OSC
Curre nt Limit Comp
UVLO
0.1 µF
0.047µF
Vcc
2
1
H1
H2
H3
1000pF
1000pF
+
-
+
-
FIN
FIN


Numéro de pièce similaire - BA6859AFP-Y

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6859AFP-Y ROHM-BA6859AFP-Y Datasheet
209Kb / 15P
   Three-phase motor driver for CD-ROMs
BA6859AFP-Y ROHM-BA6859AFP-Y Datasheet
273Kb / 6P
   3-Phase spindle motor driver
More results

Description similaire - BA6859AFP-Y

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA6966FV ROHM-BA6966FV Datasheet
182Kb / 6P
   1ch Sensorless Spindle Motor Driver for MD
logo
Mitsubishi Electric Sem...
M56755FP MITSUBISHI-M56755FP Datasheet
767Kb / 9P
   SPINDLE MOTOR DRIVER
M56784FP MITSUBISHI-M56784FP Datasheet
223Kb / 11P
   SPINDLE MOTOR DRIVER
M56787FP MITSUBISHI-M56787FP Datasheet
150Kb / 8P
   SPINDLE MOTOR DRIVER
M56755AFP MITSUBISHI-M56755AFP Datasheet
213Kb / 10P
   SPINDLE MOTOR DRIVER
M56785FP MITSUBISHI-M56785FP Datasheet
212Kb / 11P
   SPINDLE MOTOR DRIVER
M56745FP MITSUBISHI-M56745FP Datasheet
335Kb / 5P
   SPINDLE MOTOR DRIVER
logo
Fairchild Semiconductor
KA3016D FAIRCHILD-KA3016D Datasheet
522Kb / 18P
   SPINDLE MOTOR DRIVER
logo
Rohm
BD6875GSW ROHM-BD6875GSW Datasheet
269Kb / 6P
   1ch Motor Driver
BD6886GUL ROHM-BD6886GUL Datasheet
285Kb / 6P
   1ch Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com