Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA50DD0WHFP Fiches technique(PDF) 2 Page - Rohm

No de pièce BA50DD0WHFP
Description  Standard Fixed Output LDO Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

BA50DD0WHFP Fiches technique(HTML) 2 Page - Rohm

  BA50DD0WHFP Datasheet HTML 1Page - Rohm BA50DD0WHFP Datasheet HTML 2Page - Rohm BA50DD0WHFP Datasheet HTML 3Page - Rohm BA50DD0WHFP Datasheet HTML 4Page - Rohm BA50DD0WHFP Datasheet HTML 5Page - Rohm BA50DD0WHFP Datasheet HTML 6Page - Rohm BA50DD0WHFP Datasheet HTML 7Page - Rohm BA50DD0WHFP Datasheet HTML 8Page - Rohm BA50DD0WHFP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Technical Note
2/11
www.rohm.com
2011.03 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
BA□□DD0T Series,BA□□CC0T Series,BA□□CC0FP Series
BA□□DD0WT Series,BA□□DD0HFP Series,BA□□CC0WT Series,BA□□CC0WFP Series
Line up matrix
1A BA□□CC0 Series
Part Number
3.0
3.3
5.0
6.0
7.0
8.0
9.0
10
12
15
Package
BA□□CC0WT
TO220FP-5
BA□□CC0WFP
TO252-5
BA□□CC0T
TO220FP-3
BA□□CC0FP
TO252-3
2A BA□□DD0 Series
1.5
1.8
2.5
3.0
3.3
5.0
9.0
12
16
パッケージ
BA□□DD0WT
TO220FP-5
BA□□DD0WHFP
HRP5
BA□□DD0T
TO220FP-3
Part Number
: BA□□CC0□□
Part Number
: BA□□DD0□□
a
b c
a
b c
Symbol
Details
Symbol
Details
a
Output Voltage Designation
a
Output Voltage Designation
□□
Output Voltage
(V)
□□
Output Voltage
(V)
□□
Output Voltage
(V)
□□
Output Voltage
(V)
03
3.0V(Typ.)
08
8.0V(Typ.)
15
1.5V(Typ.)
50
5.0V(Typ.)
033
3.3V(Typ.)
09
9.0V(Typ.)
18
1.8V(Typ.)
90
9.0V(Typ.)
05
5.0V(Typ.)
J0
10.0V(Typ.)
25
2.5V(Typ.)
J2
12.0V(Typ.)
06
6.0V(Typ.)
J2
12.0V(Typ.)
30
3.0V(Typ.)
J6
16.0V(Typ.)
07
7.0V(Typ.)
J5
15.0V(Typ.)
33
3.3V(Typ.)
b
Switch:”With W”:Shutdown switch included
”Without W”:Shutdown switch not included
b
Switch:”With W” :Shutdown switch included
”Without W”:Shutdown switch not included
c
Package T
: TO220FP-5,TO220FP-3
FP : TO252-5,TO252-3
c
Package T
: TO220FP-5,TO220FP-3
HFP: HRP5
Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Ratings
Unit
Input Power Supply Voltage
*1
VCC
-0.3~+35
V
Power Dissipation
*2
Pd
2300(HRP5)
mW
1300(TO252-5)
1200(TO252-3)
2000(TO220FP-3,5)
Operating Temperature Range
Topr
-40~+125
Ambient Storage Temperature
Tstg
-55~+150
Junction Temperature
TjMAX.
+150
Output Control Terminal Voltage
*3
Vctl
-0.3~+Vcc
V
Voltage Applied to the Tip
*4
VCC peak
+50
V
*1 Must not exceed Pd
*2 HRP5 : In cases in which Ta≧25℃ when a 70mm×70mm×1.6mm glass epoxy board is used, the power is reduced by 18.4 mW/℃.
TO252FP-3 : In cases in which Ta≧25℃ when a 70mm×70mm×1.6mm glass epoxy board is used, the power is reduced by 9.6 mW/℃.
TO252FP-5 : In cases in which Ta≧25℃ when a 70mm×70mm×1.6mm glass epoxy board is used, the power is reduced by 10.4 mW/℃.
TO220FP-5 : No heat sink. When Ta≧25℃, the power is reduced by 16 mW/℃.
*3 Only for models with shutdown switches.
*4 Applied voltage : 200msec or less (tr≥1msec)
MAX200msec
(Voltage Supply more than 35V)
50V
35V
0V
tr≧1msec


Numéro de pièce similaire - BA50DD0WHFP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BA50DD0WHFP ROHM-BA50DD0WHFP Datasheet
269Kb / 6P
   2A Low Dropout Voltage Regulator with Shut Down Switch
BA50DD0WHFP-TR ROHM-BA50DD0WHFP-TR Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators With ShutdownSwicth
BA50DD0WHFP-TR ROHM-BA50DD0WHFP-TR Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA50DD0WHFP-TR ROHM-BA50DD0WHFP-TR Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
More results

Description similaire - BA50DD0WHFP

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
BD80C0AFPS ROHM-BD80C0AFPS_10 Datasheet
418Kb / 13P
   Standard Fixed Output LDO Regulators
BD33C0AWFP ROHM-BD33C0AWFP Datasheet
335Kb / 13P
   Standard Fixed Output LDO Regulators with Shutdown Switch
BA33D18HFP-TR ROHM-BA33D18HFP-TR Datasheet
407Kb / 18P
   Dual Output Fixed Output LDO Regulators
BA15JC5WT ROHM-BA15JC5WT Datasheet
351Kb / 11P
   Secondary Fixed Output LDO Regulators
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BD80C0AFPS-M ROHM-BD80C0AFPS-M Datasheet
766Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BD80C0AFPS-LB ROHM-BD80C0AFPS-LB Datasheet
695Kb / 22P
   Single-Output LDO Regulator 1A Fixed Output LDO Regulators
BA3258HFP ROHM-BA3258HFP_11 Datasheet
307Kb / 9P
   Dual Output Secondary Fixed Output LDO Regulators
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com